Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4-BLK Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # ATF-331M4-BLK
Description  Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-331M4-BLK Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  ATF-331M4-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-331M4-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-331M4-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-331M4-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-331M4-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-331M4-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-331M4-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-331M4-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-331M4-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Agilent ATF-331M4 Low Noise
Pseudomorphic HEMT in a
Miniature Leadless Package
Data Sheet
Description
Agilent Technologies’s
ATF-331M4 is a high linearity,
low noise pHEMT housed in a
miniature leadless package.
The ATF-331M4’s small size and
low profile makes it ideal for the
design of hybrid modules and
other space-constraint devices.
Based on its featured perfor-
mance, ATF-331M4 is ideal for
the first or second stage of base
station LNA due to the excellent
combination of low noise figure
and enhanced linearity [1]. The
device is also suitable for appli-
cations in Wireless LAN,
WLL/RLL, MMDS, and other
systems requiring super low
noise figure with good intercept
in the 450 MHz to 10 GHz
frequency range.
Note:
1. From the same PHEMT FET family, the
smaller geometry ATF-34143 may also be
considered for the higher gain performance,
particularly in the higher frequency band
(1.8 GHz and up).
Features
• Low noise figure
• Excellent uniformity in product
specifications
• 1600 micron gate width
• Miniature leadless package
1.4 mm x 1.2 mm x 0.7 mm
• Tape-and-reel packaging option
available
Specifications
2 GHz; 4 V, 60 mA (Typ.)
• 0.6 dB noise figure
• 15 dB associated gain
• 19 dBm output power at 1 dB gain
compression
• 31 dBm output 3rd order intercept
Applications
• Tower mounted amplifier, low noise
amplifier and driver amplifier for
GSM/TDMA/CDMA base stations
• LNA for WLAN, WLL/RLL, MMDS
and wireless data infrastructures
• General purpose discrete PHEMT for
other ultra low noise applications
MiniPak 1.4 mm x 1.2 mm Package
Pin Connections and
Package Marking
Note:
Top View. Package marking provides orientation,
product identification and date code.
“P” = Device Type Code
“x” = Date code character. A different
character is assigned for each month
and year.
Px
Source
Pin 3
Gate
Pin 2
Source
Pin 1
Drain
Pin 4
Px



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com