Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC30 Datasheet(PDF) 3 Page - Recom International Power

Part # REC30
Description  Continuous Short Circuit Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC30 Datasheet(HTML) 3 Page - Recom International Power

  REC30 Datasheet HTML 1Page - Recom International Power REC30 Datasheet HTML 2Page - Recom International Power REC30 Datasheet HTML 3Page - Recom International Power REC30 Datasheet HTML 4Page - Recom International Power REC30 Datasheet HTML 5Page - Recom International Power REC30 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
REC30
Series
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.4Vout
5.1Vout
12Vout
15Vout
4VDC typ.
6.2VDC typ.
15VDC typ.
18VDC typ.
Over Load Protection (OLP)
180% typ.
Isolation Voltage
I/P to O/P
1.6kVDC / 1 minute
Isolation Capacitance
3300pF typ.
Isolation Resistance
1G
Ω min.
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-40°C to +85°C
Maximum Case Temperature
+105°C
Temperatur Coefficient
±0.05%/°C
Thermal Impedance
natural convection
8°C/W
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F, 25°C
529 x 103 hours
continued on next page
ECO-3
REV.: 1/2016
www.recom-power.com
Deviation vs. Load
36V
48V
75V
Output Current [A]
0
0.20
0.24
0.22
0.28
0.26
0.30
0.34
0.32
0.36
1
2
3
4
6
5
18V
24V
36V
Output Current [A]
0
-0.60
-0.40
-0.50
-0.20
-0.30
-0.10
0
0.10
0.20
0.1
0.2
0.3
0.4
0.5
0.6
1.0
0.7
0.8
0.9
REC30-485.1S
REC30-2415D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com