Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1556 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1556
Description  24-Bit ADC WITH LOW NOISE PGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1556 Datasheet(HTML) 2 Page - Analog Devices

  AD1556 Datasheet HTML 1Page - Analog Devices AD1556 Datasheet HTML 2Page - Analog Devices AD1556 Datasheet HTML 3Page - Analog Devices AD1556 Datasheet HTML 4Page - Analog Devices AD1556 Datasheet HTML 5Page - Analog Devices AD1556 Datasheet HTML 6Page - Analog Devices AD1556 Datasheet HTML 7Page - Analog Devices AD1556 Datasheet HTML 8Page - Analog Devices AD1556 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. B
AD1555/AD1556
–2–
AD1555BP
AD1555AP
Parameter
Notes
Min
Typ
Max
Min
Typ
Max
Unit
PGA Gain Settings
1, 2.5, 8.5, 34, 128
AC ACCURACY
Dynamic Range
1
PGA Gain of 1
116.5
120
116
120
dB
PGA Gain of 2.5
116
119.5
115.5
119.5
dB
PGA Gain of 8.5
114
117.5
114
117.5
dB
PGA Gain of 34
104.5
109.5
104.5
109.5
dB
PGA Gain of 128
98
98
dB
Total Harmonic Distortion
2
PGA Gain of 1
–120
–111
–120
–107
dB
PGA Gain of 2.5
–116
–108
–116
–107
dB
PGA Gain of 8.5
–116
–106
–116
–105
dB
PGA Gain of 34
–115
–101
–115
–101
dB
PGA Gain of 128
–108
–108
dB
Jitter Tolerance
3
300
300
ps
Intermodulation Distortion
4
PGA Gain of 1
122
122
dB
DC ACCURACY
Absolute Gain Error
5
PGA Gain of 1, 2.5
–3.5
+3.5
–3.5
+3.5
%
PGA Gain of 8.5
–4.5
+4.5
–4.5
+4.5
%
PGA Gain of 34
–10
+10
–10
+10
%
Gain Stability Over Temperature
5
±15
±15
ppm/
°C
Offset
5, 6
All PGA Gain
–60
–60
mV
Offset Drift
5, 6
66
µV/°C
ANALOG INPUT
Full-Scale Nondifferential Input
MODIN
±2.25
±2.25
V
Input Impedance
MODIN
20
20
k
Full-Scale Differential Input
PGA Gain of 1
±2.25
±2.25
V
Other PGA Gain Settings
See Table I
See Table I
Differential Input Impedance
AIN, TIN Inputs
140
140
M
Ω
Common-Mode Range
±2.25
±2.25
V
Common-Mode Rejection Ratio
VCM =
±2.25 V, f
IN = 200 Hz
PGA Gain of 1
93
101
91
101
dB
PGA Gain of 2.5
95
102
91.5
102
dB
PGA Gain of 8.5, 34
95.5
108
94.5
108
dB
PGA Gain of 128
108
108
dB
Power Supply Rejection Ratio
7
50
50
dB
AIN to TIN Crosstalk Isolation
fIN = 200 Hz
130
130
dB
Differential Input Current
130
130
nA
TEMPERATURE RANGE
8
Specified Performance
TMIN to TMAX
–55
+85
0
85
°C
REFERENCE INPUT
9
Input Voltage Range
2.990
3.0
3.010
2.990
3.0
3.010
V
Input Current
130
130
µA
DIGITAL INPUTS OUTPUTS
VIL
–0.3
+0.8
–0.3
+0.8
V
VIH
2.0
VL + 0.3 2.0
VL + 0.3
V
IIL
–10
+10
–10
+10
µA
IIH
–10
+10
–10
+10
µA
VOL
ISINK = +2 mA
0.4
0.4
V
VOH
ISOURCE = –2 mA
2.4
2.4
V
AD1555–SPECIFICATIONS
(+VA = +5 V; –VA = –5 V; VL = 5 V; AGND = DGND = 0 V; MCLK = 256 kHz; TA = TMIN to
TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com