Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST8-8CT Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACST8-8CT
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST8-8CT Datasheet(HTML) 3 Page - STMicroelectronics

  ACST8-8CT Datasheet HTML 1Page - STMicroelectronics ACST8-8CT Datasheet HTML 2Page - STMicroelectronics ACST8-8CT Datasheet HTML 3Page - STMicroelectronics ACST8-8CT Datasheet HTML 4Page - STMicroelectronics ACST8-8CT Datasheet HTML 5Page - STMicroelectronics ACST8-8CT Datasheet HTML 6Page - STMicroelectronics ACST8-8CT Datasheet HTML 7Page - STMicroelectronics ACST8-8CT Datasheet HTML 8Page - STMicroelectronics ACST8-8CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACST8
3/10
Table 6: Electrical Characteristics per Switch
For either positive or negative polary of pin OUT voltage respect to pin COM voltage
1. AC LINE SWITCH BASIC APPLICATION
The ACST8-8C device is especially designed to drive medium power induction motors in washing ma-
chines, refrigerators, dish washers, and tumble dryers.
Pin COM
: Common drive reference, to be connected to the power line neutral
Pin G
: Switch Gate input to be connected to the controller
Pin OUT
: Switch Output to be connected to the load
When driven from a low voltage controller, the ACST switch is triggered with a negative gate current flow-
ing out of the gate pin G. It can be driven by the controller through a resistor as shown on the typical appli-
cation diagram. In appliance systems, the ACST8-8C switch intends to drive medium power load in ON /
OFF full cycle or phase angle control mode.
Thanks to its thermal and turn-off commutation characteristics, the ACST8-8C switch is able to drive an
inductive load up to 8A without a turn-off aid snubber circuit.
In washing machine or drier appliances, the tumble rotates in both directions. When using bidirectional
phase shift induction motor, two switches are connected on each side of the phase shift capacitor: in
steady-state operation, one switch only conducts energising the coils and defining the tumble direction.
Symbol
Test conditions
Values
Unit
VDRM/
VRRM
Repetitive peak off-state voltage
MAX.
800
V
IGT
VOUT = 12V (DC) RL = 33Ω
Tj = 25°C
MAX.
30
mA
VGT
VOUT = 12V (DC) RL = 33Ω
Tj = 25°C
MAX.
1.5
V
VGD
VOUT = VDRM
RL = 3.3kΩ
Tj = 125°C
MIN.
0.2
V
IH
IOUT = 100mA
Gate open
Tj = 25°C
MAX.
40
mA
IL
IG = 20mA
Tj = 25°C
MAX.
70
mA
VTM
IOUT = 11A
tp = 380µs
Tj = 25°C
MAX.
1.5
V
VT0
Tj = 125°C
MAX.
0.95
V
Rd
Tj = 125°C
MAX.
50
m
IDRM /
IRRM
VOUT = VDRM
VOUT = VRRM
Tj = 25°C
MAX.
10
µA
Tj = 125°C
MAX.
1
mA
dV/dt
VOUT = 550V
gate open
Tj = 125°C
MIN.
750
V/µs
(dI/dt)c
Without snubber
Tj = 125°C
MIN.
4.5
A/ms
VCL
ICL = 1mA
tp = 1ms
Tj = 25°C
TYP.
1200
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com