Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC540 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # LVC540
Description  OCTAL BUFFER/ LINE DRIVER WITH 3 STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LVC540 Datasheet(HTML) 5 Page - Diodes Incorporated

  LVC540 Datasheet HTML 1Page - Diodes Incorporated LVC540 Datasheet HTML 2Page - Diodes Incorporated LVC540 Datasheet HTML 3Page - Diodes Incorporated LVC540 Datasheet HTML 4Page - Diodes Incorporated LVC540 Datasheet HTML 5Page - Diodes Incorporated LVC540 Datasheet HTML 6Page - Diodes Incorporated LVC540 Datasheet HTML 7Page - Diodes Incorporated LVC540 Datasheet HTML 8Page - Diodes Incorporated LVC540 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LVC540A
Document number: DS35890 Rev. 1 - 2
5 of 10
www.diodes.com
July 2014
© Diodes Incorporated
74LVC540A
Operating Characteristics
TA = +25°C
Symbol
Parameter
Test Conditions
VCC
Typ
Unit
Cpd
Power dissipation
capacitance per gate
F= 10 MHz
Outputs Enabled
1.8V ± 0.15V
9.9
pF
2.5V ± 0.3V
10.2
3.3V ± 0.3V
10.6
Package Characteristics
Symbol
Parameter
Package
Test Conditions
Min
Typ
Max
Unit
θJA
Thermal Resistance
Junction-to-Ambient
TSSOP-20
(Note 9)
—
74
—
°C/W
θJC
Thermal Resistance
Junction-to-Case
TSSOP-20
(Note 9)
—
15
—
°C/W
θJA
Thermal Resistance
Junction-to-Ambient
V-QFN4525-20
(Note 9)
—
67
—
°C/W
θJC
Thermal Resistance
Junction-to-Case
V-QFN4525-20
(Note 9)
—
20
—
°C/W
Note:
9. Test conditions for TSSOP-20 and V-QFN4525-20: Devices mounted on 4 layer FR-4 substrate PC board, 2oz copper, with minimum recommended
pad layout per JESD 51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com