Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD15700/PCB Datasheet(PDF) 18 Page - Analog Devices

Part # AD15700/PCB
Description  1 MSPS 16-/14-Bit Analog I/O Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD15700/PCB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD15700/PCB Datasheet HTML 14Page - Analog Devices AD15700/PCB Datasheet HTML 15Page - Analog Devices AD15700/PCB Datasheet HTML 16Page - Analog Devices AD15700/PCB Datasheet HTML 17Page - Analog Devices AD15700/PCB Datasheet HTML 18Page - Analog Devices AD15700/PCB Datasheet HTML 19Page - Analog Devices AD15700/PCB Datasheet HTML 20Page - Analog Devices AD15700/PCB Datasheet HTML 21Page - Analog Devices AD15700/PCB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
REV. A
–18–
AD15700
14-BIT D/A CONVERTER
CODE – Decimal
0.25
0
2048
0
–0.50
–0.25
0.50
4096
6144
8192
10240
12288
14336
16384
TA = 25 C
VDD = 5V
VREF = 2.5V
TPC 16. Integral Nonlinearity vs. Code
TEMPERATURE – C
0.50
0.25
–0.50
0
–0.25
–60
20
60
100
140
–20
VDD = 5V
VREF = 2.5V
TPC 17. Integral Nonlinearity vs. Temperature
SUPPLY VOLTAGE – V
0.75
2
0.50
0.25
–1.00
0
1.00
34
5
6
7
–0.50
–0.75
–0.25
DNL
INL
VDD = 2.5V
TA = 25 C
TPC 18. Linearity Error vs. Supply Voltage
CODE – Decimal
0.25
0
2048
0
–0.50
–0.25
0.50
4096
6144
8192
10240
12288
14336
16384
TA = 25 C
VDD = 5V
VREF = 2.5V
TPC 19. Differential Nonlinearity vs. Code
TEMPERATURE – C
0.50
0.25
–0.50
0
–0.25
–60
20
60
100
140
–20
VDD = 5V
VREF = 2.5V
TPC 20. Differential Nonlinearity vs. Temperature
REFERENCE VOLTAGE – V
0.50
0.25
–0.50
0
–0.25
02
3
4
5
16
VDD = 5V
TA = 25 C
DNL
INL
TPC 21. Linearity Error vs. Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com