Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWZRL Datasheet(PDF) 67 Page - Analog Devices

Part # ADE7758ARWZRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWZRL Datasheet(HTML) 67 Page - Analog Devices

Back Button ADE7758ARWZRL Datasheet HTML 60Page - Analog Devices ADE7758ARWZRL Datasheet HTML 61Page - Analog Devices ADE7758ARWZRL Datasheet HTML 62Page - Analog Devices ADE7758ARWZRL Datasheet HTML 63Page - Analog Devices ADE7758ARWZRL Datasheet HTML 64Page - Analog Devices ADE7758ARWZRL Datasheet HTML 65Page - Analog Devices ADE7758ARWZRL Datasheet HTML 66Page - Analog Devices ADE7758ARWZRL Datasheet HTML 67Page - Analog Devices ADE7758ARWZRL Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
ADE7758
Rev. A | Page 67 of 68
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-013AD
8°
0°
0.75 (0.0295)
0.25 (0.0098)
× 45°
1.27 (0.0500)
0.40 (0.0157)
0.33 (0.0130)
0.20 (0.0079)
SEATING
PLANE
0.30 (0.0118)
0.10 (0.0039)
0.51 (0.020)
0.31 (0.012)
2.65 (0.1043)
2.35 (0.0925)
1.27 (0.0500)
BSC
24
13
12
1
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
15.60 (0.6142)
15.20 (0.5984)
COPLANARITY
0.10
Figure 94. 24-Lead Wide Body Small Outline Package [SOIC]
(RW-24)
Dimensions shown in millimeters (inches)
ORDERING GUIDE
Model
Temperature Range
Description
Package Option
ADE7758ARW
−40°C to + 85°C
24-Lead Wide Body SOIC
RW-24
ADE7758ARWRL
−40°C to + 85°C
24-Lead Wide Body SOIC
RW-24 (13” Reel)
ADE7758ARWZ1
−40°C to + 85°C
24-Lead Wide Body SOIC
RW-24
ADE7758ARWZRL1
−40°C to + 85°C
24-Lead Wide Body SOIC
RW-24 (13” Reel)
EVAL-ADE7758EB
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com