Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC844 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUC844
Description  MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC844 Datasheet(HTML) 1 Page - Analog Devices

  ADUC844 Datasheet HTML 1Page - Analog Devices ADUC844 Datasheet HTML 2Page - Analog Devices ADUC844 Datasheet HTML 3Page - Analog Devices ADUC844 Datasheet HTML 4Page - Analog Devices ADUC844 Datasheet HTML 5Page - Analog Devices ADUC844 Datasheet HTML 6Page - Analog Devices ADUC844 Datasheet HTML 7Page - Analog Devices ADUC844 Datasheet HTML 8Page - Analog Devices ADUC844 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
a
MicroConverter, Dual 16-Bit/24-Bit ADCs
with Embedded 62kB FLASH MCU
Preliminary Technical Data
ADuC844
REV. PrB
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
No license is granted by implication or otherwise under any patent or patent rights
of Analog Devices. Trademarks and registered trademarks are the property of their
respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
PRELIMINARY TECHNICAL DATA
FEATURES
High Resolution Sigma-Delta ADCs
Two Independent ADCs (24-Bit and 16-Bit Resolution)
24-Bit No Missing Codes, Primary ADC
21-Bit rms (18.5 Bit p-p) Effective Resolution @ 20 Hz
Offset Drift 10 nV/°C, Gain Drift 0.5 ppm/°C
Memory
62 Kbytes On-Chip Flash/EE Program Memory
4 Kbytes On-Chip Flash/EE Data Memory
Flash/EE, 100 Year Retention, 100 Kcycles Endurance
3 Levels of Flash/EE Program Memory Security
In-Circuit Serial Download (No External Hardware)
High Speed User Download (5 Seconds)
2304 Bytes On-Chip Data RAM
8051-Based Core
8051 Compatible Instruction Set
High Performance Single Cycle Core
32 kHz External Crystal
On-Chip Programmable PLL (12.58 MHz Max)
3
×× 16-Bit Timer/Counter
26 Programmable I/O Lines
11 Interrupt Sources, Two Priority Levels
Dual Data Pointer, Extended 11-Bit Stack Pointer
On-Chip Peripherals
Internal Power on Reset Circuit
12-Bit Voltage Output DAC
Dual 16-Bit S-D DACs/PWMs
On-Chip Temperature Sensor
Dual Excitation Current Sources
Time Interval Counter (Wakeup/RTC Timer)
UART, SPI®, and I2C® Serial I/O
High Speed Baud Rate Generator (incl 115,200)
Watchdog Timer (WDT)
Power Supply Monitor (PSM)
Power
Normal: 2.3mA Max @ 3.6 V (Core CLK = 1.57 MHz)
Power-Down: 20
µµA Max with Wakeup Timer Running
Specified for 3 V and 5 V Operation
Package and Temperature Range
52-Lead MQFP (14 mm
×× 14 mm), –40°C to +125°C
56-Lead CSP (8 mm
×× 8 mm), –40°C to +85°C
APPLICATIONS
Intelligent Sensors
WeighScales
Portable Instrumentation, Battery Powered Systems
4-20mA Transmitters
Data Logging
Precision System Monitoring
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The ADuC844 is a complete smart transducer front end, integrating
two high resolution sigma-delta ADCs, an 8-bit MCU, and
program/data Flash/EE memory on a single chip.
The two independent ADCs (primary and auxiliary) include a
temperature sensor and a PGA (allowing direct measurement of low
level signals). The ADCs with on-chip digital filtering and
programmable output data rates are intended for the measurement of
wide dynamic range, low frequency signals, such as those in weigh
scale, strain-gage, pressure transducer, or temperature measurement
applications.
The device operates from a 32 kHz crystal with an on-chip PLL
generating a high frequency clock of 12.58 MHz. This clock is routed
through a programmable clock divider from which the MCU core
clock operating frequency is generated. The microcontroller core is an
optimized single cycle 8052 offering up to 12.58MIPs performance
while maintaining the 8051 instruction set compatibility.
62 Kbytes of nonvolatile Flash/EE program memory, 4 Kbytes of
nonvolatile Flash/EE data memory, and 2304 bytes of data RAM are
provided on-chip. The program memory can be configured as data
memory to give up to 60 Kbytes of NV data memory in data logging
applications.
On-chip factory firmware supports in-circuit serial download and
debug modes (via UART), as well as single-pin emulation mode via
the EA pin. The ADuC844 is supported by a QuickStart™
development system featuring low cost software and hardware
development tools.


Similar Part No. - ADUC844

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC841 AD-ADUC841 Datasheet
903Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
11/03-Revision 0
ADuC841 AD-ADuC841 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
838Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
908Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
More results

Similar Description - ADUC844

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
4/03-Data Sheet changed from REV. 0 to REV. A.
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
5/02-Data Sheet changed from REV. A to REV. B.
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
4/03-Data Sheet changed from REV. 0 to REV. A.
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV.0
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com