Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181B Datasheet(PDF) 46 Page - Analog Devices

Part # ADV7181B
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181B Datasheet(HTML) 46 Page - Analog Devices

Back Button ADV7181B Datasheet HTML 42Page - Analog Devices ADV7181B Datasheet HTML 43Page - Analog Devices ADV7181B Datasheet HTML 44Page - Analog Devices ADV7181B Datasheet HTML 45Page - Analog Devices ADV7181B Datasheet HTML 46Page - Analog Devices ADV7181B Datasheet HTML 47Page - Analog Devices ADV7181B Datasheet HTML 48Page - Analog Devices ADV7181B Datasheet HTML 49Page - Analog Devices ADV7181B Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
ADV7181B
Rev. 0 | Page 46 of 96
VBI DATA DECODE
The following low data rate VBI signals can be decoded by the
ADV7181B:
•
Wide screen signaling (WSS)
•
Copy generation management systems (CGMS)
•
Closed captioning (CCAP)
•
EDTV
•
Gemstar 1×- and 2×-compatible data recovery
The presence of any of the above signals is detected and, if
applicable, a parity check is performed. The result of this testing
is contained in a confidence bit in the VBI Info[7:0] register.
Users are encouraged to first examine the VBI Info register
before reading the corresponding data registers. All VBI data
decode bits are read-only.
All VBI data registers are double-buffered with the field signals.
This means that data is extracted from the video lines and
appears in the appropriate I2C registers with the next field
transition. They are then static until the next field.
The user should start an I2C read sequence with VS by first
examining the VBI Info register. Then, depending on what data
was detected, the appropriate data registers should be read.
The data registers are filled with decoded VBI data even if their
corresponding detection bits are low; it is likely that bits within
the decoded data stream are wrong.
The closed captioning data (CCAP) is available in the I2C
registers, and is also inserted into the output video data stream
during horizontal blanking.
The Gemstar-compatible data is not available in the I2C
registers, and is inserted into the data stream only during
horizontal blanking.
WSSD Wide Screen Signaling Detected, Address 0x90 [0]
Logic 1 for this bit indicates that the data in the WSS1 and
WSS2 registers is valid.
The WSSD bit goes high if the rising edge of the start bit is
detected within a time window, and if the polarity of the parity
bit matches the transmitted data.
When WSSD is 0, no WSS is detected and confidence in the
decoded data is low.
When WSSD is 1, WSS is detected and confidence in the
decoded data is high.
CCAPD Closed Caption Detected, Address 0x90 [1]
Logic 1 for this bit indicates that the data in the CCAP1 and
CCAP2 registers is valid.
The CCAPD bit goes high if the rising edge of the start bit is
detected within a time window, and if the polarity of the parity
bit matches the transmitted data.
When CCAPD is 0, no CCAP signals are detected and
confidence in the decoded data is low.
When CCAPD is 1, the CCAP sequence is detected and
confidence in the decoded data is high.
EDTVD EDTV Sequence Detected, Address 0x90 [2]
Logic 1 for this bit indicates that the data in the EDTV1, 2, 3
registers is valid.
The EDTVD bit goes high if the rising edge of the start bit is
detected within a time window, and if the polarity of the parity
bit matches the transmitted data.
When EDTVD is 0, no EDTV sequence is detected. Confidence
in decoded data is low.
When EDTVD is 1, an EDTV sequence is detected. Confidence
in decoded data is high.
CGMSD CGMS-A Sequence Detected, Address 0x90 [3]
Logic 1 for this bit indicates that the data in the CGMS1, 2, 3
registers is valid. The CGMSD bit goes high if a valid CRC
checksum has been calculated from a received CGMS packet.
When CGMSD is 0, no CGMS transmission is detected and
confidence in decoded data is low.
When CGMSD is 1, the CGMS sequence is decoded and
confidence in decoded data is high.
CRC_ENABLE CRC CGMS-A Sequence, Address 0xB2 [2]
For certain video sources, the CRC data bits may have an
invalid format. In such circumstances, the CRC checksum
validation procedure can be disabled. The CGMSD bit goes
high if the rising edge of the start bit is detected within a time
window.
When CRC_ENABLE is 0, no CRC check is performed. The
CGMSD bit goes high if the rising edge of the start bit is
detected within a time window.
When CRC_ENABLE is 1 (default), CRC checksum is used to
validate the CGMS sequence. The CGMSD bit goes high for a
valid checksum. ADI recommended setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com