Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE1302Y/2K Datasheet(PDF) 11 Page - Texas Instruments

Part # AFE1302Y/2K
Description  ADSL ANALOG FRONT-END
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE1302Y/2K Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE1302Y/2K Datasheet HTML 3Page - Texas Instruments AFE1302Y/2K Datasheet HTML 4Page - Texas Instruments AFE1302Y/2K Datasheet HTML 5Page - Texas Instruments AFE1302Y/2K Datasheet HTML 6Page - Texas Instruments AFE1302Y/2K Datasheet HTML 7Page - Texas Instruments AFE1302Y/2K Datasheet HTML 8Page - Texas Instruments AFE1302Y/2K Datasheet HTML 9Page - Texas Instruments AFE1302Y/2K Datasheet HTML 10Page - Texas Instruments AFE1302Y/2K Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AFE1302
11
SBWS014
ADSL FRONT-END SYSTEM PERFORMANCE
PARAMETER
CONDITIONS
VALUE
UNITS
TX PATH
Peak Signal Amplitude to Telephone Line
12
Vp-p
Load Impedance
100
Ω
Output Power
To Line (100
Ω Match)
13
dBm
Low-Pass Filter Corner Frequency
127
kHz
Passband Ripple
3dB
Group Delay Variation
15
ms
Output Noise, Out of Band
See Note (2)
–142
dBm/Hz
RX PATH
RX Input
12.5
Vp-p
MTPR
70
dB
Noise Floor
PGA = 40dB
–142
dBm/Hz
External High-Pass Filter Corner Frequency
157
kHz
Anti-Alias Filter Corner Frequency
1.1
MHz
Passband Ripple
3dB
NOTE: (1) dBm referenced from average tone power and spread over 4kHz receive tone bins. (2) Measured at 200kHz with typical ADSL multitone transmission signal.
TABLE VIII. ADSL Front-End System Performance when using the AFE1302 in a Texas Instruments Reference Design
Evaluation Board. Typical at 25
°C, AV
DD = +5V, DVDD = +3.3V, fCLK = 35.328MHz, TX output and RX input
measured at line side.
The specifications for the complete system solution are given
in Table VIII. The numbers include the effects of both the
AFE1302 and the surrounding external components, includ-
ing a Burr-Brown TX line driver from Texas Instruments.
RECEIVE
Receive channel external components include a hybrid, receive
amplifier, fifth-order high-pass passive filter, and first-order,
low-pass, anti-alias filter. The ADSL system is frequency
division multiplexed on a single twisted pair. Filters are used to
separate the transmit and receive signals. When the AFE1302
drives long twisted-pair loops, the transmit signal is much
larger than the receive signal. The hybrid will ideally eliminate
all of the transmit signal at the receive input. However, for
poorly matched lines, the actual reduction may be quite small.
Without external filtering between the transmit output and the
receive input, the transmit signal will clip the receive input
before the on-chip receive filter can reduce the transmit signal.
Therefore, external receive filters are required to eliminate
transmit noise. Refer to Figure 6 for an external circuit and
contact the factory for a detailed reference design document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com