Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM823YYKS-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM823YYKS-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM823YYKS-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM823YYKS-R7 Datasheet HTML 2Page - Analog Devices ADM823YYKS-R7 Datasheet HTML 3Page - Analog Devices ADM823YYKS-R7 Datasheet HTML 4Page - Analog Devices ADM823YYKS-R7 Datasheet HTML 5Page - Analog Devices ADM823YYKS-R7 Datasheet HTML 6Page - Analog Devices ADM823YYKS-R7 Datasheet HTML 7Page - Analog Devices ADM823YYKS-R7 Datasheet HTML 8Page - Analog Devices ADM823YYKS-R7 Datasheet HTML 9Page - Analog Devices ADM823YYKS-R7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ADM823/ADM824/ADM825
Preliminary Technical Data
Rev.PrB | Page 6 of 10
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADM823
TOP VIEW
(Not to Scale)
RESET 1
GND 2
MR 3
VCC
WDI
5
4
Figure 2. ADM823 Pin Configuration
ADM824
TOP VIEW
(Not to Scale)
RESET 1
GND 2
RESET 3
VCC
WDI
5
4
Figure 3. ADM824 Pin Configuration
ADM825
TOP VIEW
(Not to Scale)
RESET 1
GND 2
RESET 3
VCC
MR
5
4
Figure 4. ADM825 Pin Configuration
Table 4. Pin Function Descriptions
Pin. No.
Mnemonic
Description
1
RESET
Push-Pull Active-Low Reset Output. Asserted whenever VCC is below the reset threshold, VTH.
2
GND
Ground.
3
MR (ADM823)
Manual Reset Input. This is an active-low input which, when forced low for at least 1µs, generates
a reset. It features a 52 k
internal pull-up.
RESET (ADM824/ADM825)
Active-High, Push-Pull Reset Output.
4
WDI (ADM823/ADM824)
Watchdog Input. Generates a reset if the voltage on the pin remains low or high for the duration
of the watchdog timeout. The timer is cleared if a logic transition occurs on this pin or if a reset is
generated.
MR (ADM825)
Manual Reset Input.
5
VCC
Power Supply Voltage Being Monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com