Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP382HD05AA-R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP382HD05AA-R2G
Description  Fixed Current-Limiting Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP382HD05AA-R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP382HD05AA-R2G Datasheet HTML 3Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 4Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 5Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 6Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 7Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 8Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 9Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 10Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCP382
www.onsemi.com
7
FUNCTIONAL DESCRIPTION
Overview
The NCP382 is a dual high side power distribution
switches designed to protect the input supply voltage in case
of heavy capacitive loads, short circuit or over current. In
addition, the high side MOSFETs are turned off during
undervoltage or thermal shutdown condition. Thanks to the
soft start circuitry, NCP382 is able to limit large current and
voltage surges.
Overcurrent Protection
NCP382 switches into a constant current regulation mode
when the output current is above the IOCP threshold.
Depending on the load, the output voltage is decreased
accordingly.
− In case of hot plug with heavy capacitive load, the
output voltage is brought down to the capacitor voltage.
The NCP382 will limit the current to the IOCP threshold
value until the charge of the capacitor is completed.
VOUTX
IOCP
IOUTX
Drop due to
capacitor charge
Figure 6. Heavy Capacitive Load
− In case of overload, the current is limited to the IOCP
value and the voltage value is reduced according to the
load by the following relation:
V
OUTX + RLOAD2
I
OCP
(eq. 1)
VOUTX
IOCP
IOUTX
IOCP x RLOAD
Figure 7. Overload
− In case of short circuit or huge load, the current is
limited to the IOCP value within TDET time until the
short condition is removed. If the output remains
shorted or tied to a very low voltage, the junction
temperature of the chip exceeds TSDOCP value and the
device enters in thermal shutdown (MOSFET is
turned−off).
VOUTX
IOCP
IOUTX
Thermal
Regulation
Threshold
Timer
Regulation
Mode
TREG
TOCP
Figure 8. Short−Circuit
Then, the device enters in timer regulation mode, described
in 2 phases:
− Off−phase: Power MOSFET is off during TOCP to allow
the die temperature to drop.
− On−phase: regulation current mode during TREG. The
current is regulated to the IOCP level
.
The timer regulation mode allows the device to handle
high thermal dissipation (in case of short circuit for
example) within temperature operating condition.
NCP382 stays in on−phase/off−phase loop until the over
current condition is removed or enable pin is toggled.
Remark: other regulation modes can be available for
different applications. Please contact our On Semiconductor
representative for availability.
FLAG Indicator
The FLAG pin is an open−drain MOSFET asserted low
during overcurrent or overtemperature conditions. When an
overcurrent fault is detected on the power path, FLAG pin
is asserted low at the end of the associate deglitch time
(TFOCP). Thanks to this feature, the FLAG pin is not tied
low during the charge of a heavy capacitive load or a voltage
transient on output. The FLAG pin remains low until the
fault is removed. Then, the FLAG pin goes high at the end
of TFGL
Undervoltage Lock−out
Thanks to a built−in under voltage lockout (UVLO)
circuitry, the output remains disconnected from input until
VIN voltage is above VUVLO. This circuit has a VHYST
hysteresis witch provides noise immunity to transient
condition.
Thermal Sense
Thermal shutdown turns off the power MOSFET if the die
temperature exceeds TSD. A built-in hysteresis prevents the
part from turning on until the die temperature cools at
TRSD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com