Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q970149 Datasheet(PDF) 1 Page - E-SWITCH

Part # Q970149
Description  ALL DIMESNIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

Q970149 Datasheet(HTML) 1 Page - E-SWITCH

  Q970149 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
MS0850502F015S1A
2:1
6/23/2015
Q970149
A
MW
1
1
9.90
[.390 in]
2.90
[.114 in]
2.50
[.098 in]
10.60
[.417 in]
5.10
[.201 in]
1.85
[.073 in]
2.40
[.094 in]
O.P.
4.00
[.157 in]
2.50
[.098 in]
19.80
[.780 in]
6.40
[.252 in]
3.20
[.126 in]
A
21885
RELEASED FOR PRODUCTION
6/23/15
MW
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. RATING: 5A @125/250VAC UL, CUL, VDE APPROVED
4. OPERATING FORCE: 15
8 gf
5. OPERATING TEMP: -25 C TO 85 C
6. ELECTRICAL LIFE: 50,000 CYCLES MIN.
7. MECHANICAL LIFE: 1,000,000 CYCLES TYP.
8. INSULATION RESISTANCE: 100 MEGA-OHMS
9. DIELECTRIC STRENGTH: 1000VAC 1 MINUTE (INITAL VALUE)
10. CONTACT RESISTANCE: 100 MILLI-OHMS MAX.
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
NC
NO
COM
CIRCUIT: SPDT
O.P. (MM)
P.T. (MM)
O.P. = OPERATING POINT
P.T. = PRE-TRAVEL
9.1
3.8 MAX
0.8
16.5 .50
.65 .020 in
[
]
9.50
[.374 in]
.60
[.024 in]
P.T.
8.80
[.346 in]
7.30
[.287 in]
1.60
[.063 in]
3.50
[.138 in]


Similar Part No. - Q970149

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
Q970140 E-SWITCH-Q970140 Datasheet
142Kb / 1P
All Dimension In MM
Q970141 E-SWITCH-Q970141 Datasheet
77Kb / 1P
All Dimension In MM
Q970142 E-SWITCH-Q970142 Datasheet
70Kb / 1P
ALL DIMENSIONS IN MM [INCH]
Q970143 E-SWITCH-Q970143 Datasheet
81Kb / 1P
ALL DIMENSIONS IN MM [INCH]
Q970144 E-SWITCH-Q970144 Datasheet
72Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - Q970149

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
04-SRT10RA E-SWITCH-04-SRT10RA Datasheet
216Kb / 1P
ALL DIMESNIONS IN MM [INCH]
04-SRT16RC E-SWITCH-04-SRT16RC Datasheet
112Kb / 1P
ALL DIMESNIONS IN MM [INCH]
06-DR3M10RB E-SWITCH-06-DR3M10RB Datasheet
85Kb / 1P
ALL DIMESNIONS IN MM [INCH]
Q950115 E-SWITCH-Q950115 Datasheet
185Kb / 1P
ALL DIMESNIONS IN MM [INCH]
Q970153 E-SWITCH-Q970153 Datasheet
178Kb / 1P
ALL DIMESNIONS IN MM [INCH]
Q970156 E-SWITCH-Q970156 Datasheet
192Kb / 1P
ALL DIMESNIONS IN MM [INCH]
U100006 E-SWITCH-U100006 Datasheet
142Kb / 1P
ALL DIMESNIONS IN MM [INCH]
U100017 E-SWITCH-U100017 Datasheet
181Kb / 1P
ALL DIMESNIONS IN MM [INCH]
U200035 E-SWITCH-U200035 Datasheet
163Kb / 1P
ALL DIMESNIONS IN MM [INCH]
U200040 E-SWITCH-U200040 Datasheet
173Kb / 1P
ALL DIMESNIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com