Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSML-A101-R8WJ1 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSML-A101-R8WJ1
Description  Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSML-A101-R8WJ1 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSML-A101-R8WJ1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSML-A101-R8WJ1 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
9
Figure 8a. Recommended SnPb reflow soldering profile.
240°C MAX.
20 SEC. MAX.
3°C/SEC.
MAX.
120 SEC. MAX.
TIME
183°C
100-150°C
–6°C/SEC.
MAX.
60-150 SEC.
3°C/SEC. MAX.
Figure 7. Radiation Pattern.
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.2
0.4
-70
-50
-30
0
20 305070
90
-90
-20
-80
-60
-40
-10
10
40
60
80
Figure 9. Recommended wave soldering profile.
-0.3
-100
TEMPERATURE – °C
0.5
0.4
0.2
0.1
0
-0.2
150
50
-50
0
100
-0.1
0.3
GaP/AlGaAs/
AlInGaP
InGaN/GaN
Figure 6. Forward voltage shift vs. temperature.
Figure 8b. Recommended Pb-free reflow soldering profile.
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
010
20
30
50
100
150
200
250
30
40
50
TIME – SECONDS
60
70
80
90
100
TOP SIDE OF
PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150
°C (100°C PCB)
SOLDER WAVE TEMPERATURE = 245
°C
AIR KNIFE AIR TEMPERATURE = 390
°C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
°
SOLDER: SN63; FLUX: RMA
NOTE: ALLOW FOR BOARDS TO BE SUFFICIENTLY COOLED
BEFORE EXERTING MECHANICAL FORCE.
Figure 10. Recommended soldering pad pattern.
2.60
4.50
1.50
;;
;;
;;;
;;
;;
SOLDER RESIST
217
°C
200
°C
60 - 120 SEC.
6
°C/SEC. MAX.
3
°C/SEC. MAX.
(Acc. to J-STD-020C)
3
°C/SEC. MAX.
150
°C
255 - 260
°C
100 SEC. MAX.
10 to 30 SEC.
TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com