Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2W-27S-R-Z Datasheet(PDF) 13 Page - Copal Electronics

Part # LP2W-27S-R-Z
Description  Illuminated Pushbutton Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LP2W-27S-R-Z Datasheet(HTML) 13 Page - Copal Electronics

Back Button LP2W-27S-R-Z Datasheet HTML 6Page - Copal Electronics LP2W-27S-R-Z Datasheet HTML 7Page - Copal Electronics LP2W-27S-R-Z Datasheet HTML 8Page - Copal Electronics LP2W-27S-R-Z Datasheet HTML 9Page - Copal Electronics LP2W-27S-R-Z Datasheet HTML 10Page - Copal Electronics LP2W-27S-R-Z Datasheet HTML 11Page - Copal Electronics LP2W-27S-R-Z Datasheet HTML 12Page - Copal Electronics LP2W-27S-R-Z Datasheet HTML 13Page - Copal Electronics LP2W-27S-R-Z Datasheet HTML 14Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
■ Precautions
1. Solderlng
⑴ Manual soldering
  Device:Solder iron
① 270℃ max. 5 sec. max.
⑵ Auto soldering
 Device:Jet wave or dip type
① 245 土 10℃ 5 sec. max.
●Preheat time shall be 30 seconds max. at 100℃ max.
●For the alternate action switches, soldering should be done
 with the switch in the up position.
LP
2. Flux Cleanlng
⑴ Solvent : Fluorine or Alcohl type.
⑵ The LP series are not washable. To wash the PC board,
clean the soldering surface of the PC board with a brush so
that the switch is not exposed to the cleaning solution.
⑶ After soldering, wait until the temperature of the terminals
cool down to 90℃ or below or until the parts are exposed
to room temperature for more than 5 min. before washing.
3. Acuator(Cap)
●To activate the switch, press the cap as far as it goes. If the
cap
is not fully actuated, switching and/or locking may not
occur. The pressing force of the cap should be 9.8 N or less.
●Use a soft cloth with alcohol to clean the cap surface. Do not
allow the liquid to enter the switch body. Do not use thinner,
acid, organic solvent, etc., since the caps and Älter are made
of a polycarbonate resin.
●Engraving or printing is possible on the cap and the filter. The
engraving depth should be 0.3 mm maximum and the enamel-
based paint should be within the coating thickness of 0.1 mm
maximum.
●A Älm insert should be the size of the dimensions as shown
in the figure on the left (t=0.1mm).
 The Älm inserts are provided by the customer.
●The cap and the Älter are two distinct parts. Removal of the
cap should be done with the in the up position to avoid
damages to the switch.
4. LED's
●The polarity of the LED is marked on the bottom of the switch.
Connection should be made as marked.
●Protective resistors are not built into illuminated switches.
Protective resistors must be integrated by the customer.
●LED specifications are shown on Page 206.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com