Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS51-16AI Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89LS51-16AI
Description  8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS51-16AI Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89LS51-16AI Datasheet HTML 10Page - ATMEL Corporation AT89LS51-16AI Datasheet HTML 11Page - ATMEL Corporation AT89LS51-16AI Datasheet HTML 12Page - ATMEL Corporation AT89LS51-16AI Datasheet HTML 13Page - ATMEL Corporation AT89LS51-16AI Datasheet HTML 14Page - ATMEL Corporation AT89LS51-16AI Datasheet HTML 15Page - ATMEL Corporation AT89LS51-16AI Datasheet HTML 16Page - ATMEL Corporation AT89LS51-16AI Datasheet HTML 17Page - ATMEL Corporation AT89LS51-16AI Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
14
AT89LS51
3053A–8051–05/02
Power-off sequence (if needed):
Set XTAL1 to “L” (if a crystal is not used).
Set RST to “L”.
Turn VCC power off.
Data Polling: The Data Polling feature is also available in the serial mode. In this mode, dur-
ing a write cycle an attempted read of the last byte written will result in the complement of the
MSB of the serial output byte on MISO.
Serial
Programming
Instruction Set
The Instruction Set for Serial Programming follows a 4-byte protocol and is shown in Table 8.
Programming
Interface –
Parallel Mode
Every code byte in the Flash array can be programmed by using the appropriate combination
of control signals. The write operation cycle is self-timed and once initiated, will automatically
time itself to completion.
Most major worldwide programming vendors offer support for the Atmel microcontroller series.
Please contact your local programming vendor for the appropriate software revision.
Notes:
1. Each PROG pulse is 200 ns - 500 ns for Chip Erase.
2. Each PROG pulse is 200 ns - 500 ns for Write Code Data.
3. Each PROG pulse is 200 ns - 500 ns for Write Lock Bits.
4. RDY/BSY signal is output on P3.0 during programming.
5. X = don’t care.
Table 7. Flash Programming Modes
Mode
VCC
RST
PSEN
ALE/
PROG
EA/
VPP
P2.6
P2.7
P3.3
P3.6
P3.7
P0.7-0
Data
P2.3-0
P1.7-0
Address
WriteCodeData
5V
H
L
(2)
12V
L
HHHH
DIN
A11-8
A7-0
Read Code Data
5V
H
L
H
H
L
L
L
H
H
DOUT
A11-8
A7-0
Write Lock Bit 1
5V
H
L
(3)
12V
H
HHHH
X
X
X
Write Lock Bit 2
5V
H
L
(3)
12V
H
H
H
L
L
X
X
X
Write Lock Bit 3
5V
H
L
(3)
12V
H
L
H
H
L
X
X
X
Read Lock Bits
1, 2, 3
5V
H
L
H
H
H
H
L
H
L
P0.2,
P0.3,
P0.4
XX
Chip Erase
5V
H
L
(1)
12V
H
L
H
L
L
X
X
X
Read Atmel ID
5V
H
L
H
H
LLLLL
1EH
0000
00H
Read Device ID
5V
H
L
H
H
LLLLL
61H
0001
00H
Read Device ID
5V
H
L
H
H
LLLLL
06H
0010
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com