Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMM-A101-R00J1 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HSMM-A101-R00J1
Description  Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMM-A101-R00J1 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HSMM-A101-R00J1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMM-A101-R00J1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMM-A101-R00J1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMM-A101-R00J1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMM-A101-R00J1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMM-A101-R00J1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMM-A101-R00J1 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSMM-A101-R00J1 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSMM-A101-R00J1 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Packaging Option (X8X9)
Option
Test Current
Package Type
Reel Size
J1
20 mA
Top Mount
7 inch
J4
20 mA
Top Mount
13 inch
H1
20 mA
Reverse Mount
7 inch
H4
20 mA
Reverse Mount
13 inch
J2
10 mA
Top Mount
7 inch
J5
10 mA
Top Mount
13 inch
H2
10 mA
Reverse Mount
7 inch
H5
10 mA
Reverse Mount
13 inch
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6756 2394
India, Australia, New Zealand: (+65) 6755 1939
Japan: (+81 3) 3335-8152 (Domestic/Interna-
tional), or 0120-61-1280 (Domestic Only)
Korea: (+65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand,
Philippines, Indonesia: (+65) 6755 2044
Taiwan: (+65) 6755 1843
Data subject to change.
Copyright © 2004-2005 Agilent Technologies, Inc.
Obsoletes 5989-3100EN
October 31, 2005
5989-4186EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com