Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMM-A101-R7PJ1 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HSMM-A101-R7PJ1
Description  Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMM-A101-R7PJ1 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HSMM-A101-R7PJ1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMM-A101-R7PJ1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMM-A101-R7PJ1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMM-A101-R7PJ1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMM-A101-R7PJ1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMM-A101-R7PJ1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMM-A101-R7PJ1 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSMM-A101-R7PJ1 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSMM-A101-R7PJ1 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
10
Figure 11. Tape leader and trailer dimensions.
200 mm MIN. FOR
∅180 REEL.
200 mm MIN. FOR
∅330 REEL.
TRAILER
COMPONENT
LEADER
480 mm MIN. FOR
∅180 REEL.
960 mm MIN. FOR
∅330 REEL.
C
A
USER FEED DIRECTION
Figure 12. Tape dimensions.
C
A
4 ± 0.1
4 ± 0.1
2 ± 0.05
3.05 ± 0.1
3.5 ± 0.05
8
+0.3
–0.1
1.75 ± 0.1
3.81 ± 0.1
2.29 ± 0.1
0.229 ± 0.01
8°
∅1.5
+0.1
–0
∅1
+0.1
–0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com