Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM825LYRT-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM825LYRT-R7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM825LYRT-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM825LYRT-R7 Datasheet HTML 2Page - Analog Devices ADM825LYRT-R7 Datasheet HTML 3Page - Analog Devices ADM825LYRT-R7 Datasheet HTML 4Page - Analog Devices ADM825LYRT-R7 Datasheet HTML 5Page - Analog Devices ADM825LYRT-R7 Datasheet HTML 6Page - Analog Devices ADM825LYRT-R7 Datasheet HTML 7Page - Analog Devices ADM825LYRT-R7 Datasheet HTML 8Page - Analog Devices ADM825LYRT-R7 Datasheet HTML 9Page - Analog Devices ADM825LYRT-R7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ADM823/ADM824/ADM825
Preliminary Technical Data
Rev.PrB | Page 10 of 10
ORDERING GUIDES
Table 5. ADM823 Ordering Guide
Table 6. ADM824 Ordering Guide
1 All of the ADM824 models are nonstandard. Contact factory for availability of nonstandard models.
Table 7. ADM825 Ordering Guide
Model
Reset Threshold (V)
Temperature Range
Quantity
Package Type
Branding
ADM823LYKS-R7
4.63
–40°C to +125°C
3k
SC70-5
N07
ADM823LYRT-R7
4.63
–40°C to +125°C
3k
SOT-23-5
N07
ADM823MYKS-R7
4.38
–40°C to +125°C
3k
SC70-5
N07
ADM823MYRT-R7
4.38
–40°C to +125°C
3k
SOT-23-5
N07
ADM823TYKS-R7
3.08
–40°C to +125°C
3k
SC70-5
N07
ADM823TYRT-R7
3.08
–40°C to +125°C
3k
SOT-23-5
N07
ADM823SYKS-R7
2.93
–40°C to +125°C
3k
SC70-5
N07
ADM823SYRT-R7
2.93
–40°C to +125°C
3k
SOT-23-5
N07
ADM823RYKS-R7
2.63
–40°C to +125°C
3k
SC70-5
N07
ADM823RYRT-R7
2.63
–40°C to +125°C
3k
SOT-23-5
N07
ADM823ZYKS-R7
2.32
–40°C to +125°C
3k
SC70-5
N07
ADM823YYKS-R7
2.19
–40°C to +125°C
3k
SC70-5
N07
Model1
Reset Threshold (V)
Temperature Range
Quantity
Package Type
Branding
ADM824LYKS-R7
4.63
–40°C to +85°C
3k
SC70-5
N08
ADM824LYRT-R7
4.63
–40°C to +125°C
3k
SOT-23-5
N08
ADM824MYKS-R7
4.38
–40°C to +85°C
3k
SC70-5
N08
ADM824MYRT-R7
4.38
–40°C to +125°C
3k
SOT-23-5
N08
ADM824TYKS-R7
3.08
–40°C to +85°C
3k
SC70-5
N08
ADM824TYRT-R7
3.08
–40°C to +125°C
3k
SOT-23-5
N08
ADM824SYKS-R7
2.93
–40°C to +85°C
3k
SC70-5
N08
ADM824SYRT-R7
2.93
–40°C to +125°C
3k
SOT-23-5
N08
ADM824RYKS-R7
2.63
–40°C to +85°C
3k
SC70-5
N08
ADM824RYRT-R7
2.63
–40°C to +125°C
3k
SOT-23-5
N08
ADM824ZYKS-R7
2.32
–40°C to +85°C
3k
SC70-5
N08
ADM824YYKS-R7
2.19
–40°C to +85°C
3k
SC70-5
N08
Model1
Reset Threshold (V)
Temperature Range
Quantity
Package Type
Branding
ADM825LYKS-R7
4.63
–40°C to +85°C
3k
SC70-5
N09
ADM825LYRT-R7
4.63
–40°C to +125°C
3k
SOT-23-5
N09
ADM825MYKS-R7
4.38
–40°C to +85°C
3k
SC70-5
N09
ADM825MYRT-R7
4.38
–40°C to +125°C
3k
SOT-23-5
N09
ADM825TYKS-R7
3.08
–40°C to +85°C
3k
SC70-5
N09
ADM825TYRT-R7
3.08
–40°C to +125°C
3k
SOT-23-5
N09
ADM825SYKS-R7
2.93
–40°C to +85°C
3k
SC70-5
N09
ADM825SYRT-R7
2.93
–40°C to +125°C
3k
SOT-23-5
N09
ADM825RYKS-R7
2.63
–40°C to +85°C
3k
SC70-5
N09
ADM825RYRT-R7
2.63
–40°C to +125°C
3k
SOT-23-5
N09
ADM825ZYKS-R7
2.32
–40°C to +85°C
3k
SC70-5
N09
ADM825YYKS-R7
2.19
–40°C to +85°C
3k
SC70-5
N09
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR04534-0-6/04(PrB)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com