Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM0204003JB0 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SMM0204003JB0
Description  Thin Film Mini-MELF Resistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0204003JB0 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SMM0204003JB0 Datasheet HTML 2Page - Vishay Siliconix SMM0204003JB0 Datasheet HTML 3Page - Vishay Siliconix SMM0204003JB0 Datasheet HTML 4Page - Vishay Siliconix SMM0204003JB0 Datasheet HTML 5Page - Vishay Siliconix SMM0204003JB0 Datasheet HTML 6Page - Vishay Siliconix SMM0204003JB0 Datasheet HTML 7Page - Vishay Siliconix SMM0204003JB0 Datasheet HTML 8Page - Vishay Siliconix SMM0204003JB0 Datasheet HTML 9Page - Vishay Siliconix SMM0204003JB0 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Dec-15
6
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
10M
1M
100K
10K
1K
100
10
60
70
80
90
100
110
120
Resistance Value in
Ω
Non-linearity
0.01
Resistance Value
R
Current Noise Voltage Ratio
µV/V
0.1
1
1 k
Ω
10 k
Ω
100 k
Ω
1 M
Ω
10 M
Ω
100
Ω
1000
500
100
50
10
5
1
-80
-60
-40
-20
0
20
40
60
SMM0204
Frequency f in MHz
HF - Performance
10
Ω
39
Ω
100
Ω
470
Ω
1 k
Ω
4.7 k
Ω
10 k
Ω
1000
500
100
50
10
5
1
-80
-60
-40
-20
0
20
40
60
SMM0204
Frequency f in MHz
HF - Performance
10
Ω
39
Ω
100
Ω
470
Ω
1 k
Ω
4.7 k
Ω
10 k
Ω
100K
10K
1K
100R
10R
10
100
1K
3K
Resistance Value in
Ω
Single pulse high voltage overload capability
1.2/50 acc. EN 60115-1, 4.27
100K
10K
1K
100R
10R
10
100
1K
3K
Resistance Value in
Ω
Single pulse high voltage overload capability
10/700 acc. EN 60115-1, 4.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com