Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGO827/FC0 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGO827/FC0
Description  870 MHz optical receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGO827/FC0 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGO827/FC0 Datasheet HTML 1Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 2Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 3Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 4Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 5Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 6Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 7Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 8Page - NXP Semiconductors BGO827/FC0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004 Apr 07
2
Philips Semiconductors
Product specification
870 MHz optical receivers
BGO827; BGO827/FC0;
BGO827/SC0
FEATURES
• Excellent linearity
• Low noise
• Excellent flatness
• Standard CATV outline
• Rugged construction
• Gold metallization ensures
excellent reliability
• High optical input power range.
APPLICATIONS
CATV optical node systems
operating in the 40 to 870 MHz
frequency range.
DESCRIPTION
High dynamic range optical receiver
amplifier modules in a standard
SOT115 package where the
non-jacketed fibre has either no
connector or has an FC/APC or
SC/APC connector.
The amplifier supply voltage pin and
the photo diode bias voltage pin both
connect to 24 V (DC).
The modules have a monomode
optical input suitable for
1290 to 1600 nm wavelengths, a
terminal to monitor the photo diode
current and an electrical output
having a characteristic impedance
of 75
Ω.
PINNING
PIN
DESCRIPTION
1
monitor current
2
common
3
common
4+VB of the photo diode
5+VB of the amplifier
7
common
8
common
9
output
lfpage
7
8
9
2
3
4
5
1
Side view
MBK044
Fig.1
Simplified outline
SOT115T (BGO827).
7
8
9
2
35
1
Side view
MBL040
4
Fig.2
Simplified outline
SOT115X
(BGO827/FC0).
7
8
9
24
35
1
Side view
MBL041
Fig.3
Simplified outline
SOT115Y
(BGO827/SC0).
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
f
frequency range
40
870
MHz
s22
output return losses
f = 40 to 870 MHz
11
−
dB
optical input return losses
45
−
dB
d2
second order distortion
f = 854.5 MHz
−−57
dB
F
equivalent noise input
f = 40 to 870 MHz
−
8.5
pA/
√Hz
Itot
total current consumption (DC)
VB = 24 V
175
205
mA
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com