Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24401 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24401
Description  Programmable NiCd/NiMH Fast-Charge Management Device
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24401 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24401 Datasheet HTML 1Page - Texas Instruments BQ24401 Datasheet HTML 2Page - Texas Instruments BQ24401 Datasheet HTML 3Page - Texas Instruments BQ24401 Datasheet HTML 4Page - Texas Instruments BQ24401 Datasheet HTML 5Page - Texas Instruments BQ24401 Datasheet HTML 6Page - Texas Instruments BQ24401 Datasheet HTML 7Page - Texas Instruments BQ24401 Datasheet HTML 8Page - Texas Instruments BQ24401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Features
Ø
Safe management of fast charge
for NiCd and NiMH
Ø
High-frequency switching con-
troller for efficient and simple
charger design
Ø
Pre-charge qualification for
detecting shorted, damaged, or
overheated cells
Ø
Fast-charge termination by
∆T/∆t maximum temperature,
and maximum charge time
Ø
Selectable top-off mode for
achieving maximum capacity in
NiMH batteries
Ø
Programmable trickle-charge
mode for reviving deeply dis-
charged batteries and for post-
charge maintenance
Ø
Built-in battery removal and in-
sertion detection
Ø
Sleep mode for low power con-
sumption
General Description
The bq24401 is a programmable,
monolithic IC for fast-charge manage-
ment of nickel cadmium (NiCd) and
nickel metal-hydride (NiMH).
Depending on the chemistry, the
bq24401 provides a number of
charge termination criteria:
l
Rate of temperature rise, ∆T/∆t
(for NiCd and NiMH)
l
Maximum temperature
l
Maximum charge time
For safety, the bq24401 inhibits fast
charge until the battery voltage and
temperature are within user-defined
limits. If the battery voltage is below
the low-voltage threshold, the
bq24401 uses trickle-charge to
condition the battery. For NiMH
batteries, the bq24401 provides an
optional top-off charge to maximize
the battery capacity.
The integrated high-frequency com-
parator allows the bq24401 to be the
basis for a complete, high-efficiency
power-conversion circuit.
bq24401
SNS
Current-sense input
VSS
System ground
LED
Charge-status
output
BAT
Battery-voltage
input
1
PN-2000.eps
8-Pin DIP or Narrow SOIC
or TSSOP
2
3
4
8
7
6
5
SNS
LED
BAT
VSS
MOD
VCC
TS
RC
Pin Connections
Pin Names
Programmable NiCd/NiMH
Fast-Charge Management Device
SLUS497–SEPTEMBER 2001
TS
Temperature-sense
input
RC
Timer-program input
VCC
Supply-voltage input
MOD
Modulation-control
output


Similar Part No. - BQ24401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24401 TI1-BQ24401 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI2-BQ24401 Datasheet
901Kb / 29P
Programmable NiCd/NiMH Fast-Charge Management IC
REVISED MARCH 2010
BQ24401D TI1-BQ24401D Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401D TI2-BQ24401D Datasheet
901Kb / 29P
Programmable NiCd/NiMH Fast-Charge Management IC
REVISED MARCH 2010
BQ24401D.B TI2-BQ24401D.B Datasheet
901Kb / 29P
Programmable NiCd/NiMH Fast-Charge Management IC
REVISED MARCH 2010
More results

Similar Description - BQ24401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
NiCd/NiMH Fast-Charge Management ICs
2/99
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
Programmable NiCd/NiMH Fast-Charge Management Device
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
NiCd/NiMH Fast-Charge Management ICs
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
NiCd/NiMH Fast-Charge Management IC
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
NiCd/NiMH Fast-Charge Management ICs
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com