Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13AL Datasheet(PDF) 2 Page - Copal Electronics

Part # 13AL
Description  Illuminated Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

13AL Datasheet(HTML) 2 Page - Copal Electronics

  13AL Datasheet HTML 1Page - Copal Electronics 13AL Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13AL
13AL-060 □6 ㎜ Sq. Type
13AL-110 □11 ㎜ Sq. Type
13AL-090 □99 ㎜ Sq. Type
■PC Hole Layouts
■Circuit
13AL-060
13AL-090
13AL-110
A±0.1 B±0.1
10.16
2.54
10.16
2.54
12.7
3.81
PCB 1.6
10±0.5
PCB 1.6
10
±0.5
6
12
8.6
12
PCB 1.6
12.5
±0.5
11.0
15
A
±0.1
2-φ1.0
±0.1
4-φ1.3
+0.1
-0
φ1.2
±0.1
1
2
3
4
5
6
1
3
5
2
4
6
Type
■ Table of Part Numbers
Part No.
Key Top Style Key Top Color
LED Color
MOQ
13AL-060-0000-X
□6mm
6mm sq.
White
Yellow
30
13AL-060-0010-X
Red
Red
13AL-060-0020-X
Blue
Green
13AL-060-0030-X
Green
Green
13AL-060-0040-X
Orange
Orange
13AL-060-0050-X
Yellow
Green
13AL-090-0000-X
□9mm
9mm sq.
White
Yellow
13AL-090-0010-X
Red
Red
13AL-090-0020-X
Blue
Green
13AL-090-0030-X
Green
Green
13AL-090-0040-X
Orange
Orange
13AL-090-0050-X
Yellow
Green
13AL-110-0000-X
□11mm
11mm sq.
White
Yellow
13AL-110-0010-X
Red
Red
13AL-110-0020-X
Blue
Green
13AL-110-0030-X
Green
Green
13AL-110-0040-X
Orange
Orange
13AL-110-0050-X
Yellow
Green
■ Packaging Specifications
           30pcs/tray
■ Soldering
(1)Manual soldering
Device:Solder iron
350℃ Max. 3sec. Max.
(2)Auto soldering
Device:Jet wave or dip type
260℃ Max. 10sec. Max.:Twice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com