Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP_SERIES Datasheet(PDF) 1 Page - Copal Electronics

Part # AP_SERIES
Description  Subminiature Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

AP_SERIES Datasheet(HTML) 1 Page - Copal Electronics

  AP_SERIES Datasheet HTML 1Page - Copal Electronics AP_SERIES Datasheet HTML 2Page - Copal Electronics AP_SERIES Datasheet HTML 3Page - Copal Electronics AP_SERIES Datasheet HTML 4Page - Copal Electronics AP_SERIES Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP
Subminiature Pushbutton Switches
RoHS Compliant
■Features
1. Gold-plated contacts.
2. Terminal pin pitch: 2.54 mm.
■Part Numbering
■ Actuator Shape
Standard
(M)
Short
(S)
Square
(H)
■ SpeciÄcations
Rating
Max:50mA 48VAC/DC Min:1
μA 20mVAC/DC
Initial contact resistance
50m
Ωmax. 
(1.5mA 200μVAC)
Dielectric strength
500VAC 1 minute
Insulation resistance
10,000M
Ω min.
(250VDC)
Electrical life
10,000 operations at maximum rating.
50,000 operations at 0.4VA.
Operating
temperature range
−20∼+85℃
Storage
temperature range
−40∼+85℃
■PC Hole Layouts………………Page 249.
■Right angle Terminals
A
P
2
L
−
2
M
− Z
Series code
Actuator shape
Actuator shape
Actuator shape
Number of poles
Number of poles
Switching function
Switching function
ON −(OFF)
OFF −(ON)
ON −(ON)
Terminal style
Terminal style
Type
P
B
C
F
L
M
R
M
S
H
1
2
2
6
Code
1pole2poles
Code
Code
Fig.
Fig.
1 pole
Non-washable type
Right angle
(0.3 inch pitch)
P/C terminal
Standard
Short
Square
2 poles
1 pole
0.3 R/A (0.3−inch pich)
2 poles


Similar Part No. - AP_SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SAFD254QA008GS-ETHT ETC2-AP-SAFD254QA008GS-ETHT Datasheet
313Kb / 35P
Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
Serial ATA Flash Drive
AP-SAFD254QA016GS-ETHT ETC2-AP-SAFD254QA016GS-ETHT Datasheet
313Kb / 35P
Serial ATA Flash Drive
AP-SAFD254QA016GS-HT ETC2-AP-SAFD254QA016GS-HT Datasheet
313Kb / 35P
Serial ATA Flash Drive
AP-SAFD254QA032GS-ETHT ETC2-AP-SAFD254QA032GS-ETHT Datasheet
313Kb / 35P
Serial ATA Flash Drive
More results

Similar Description - AP_SERIES

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8500 ITT-8500 Datasheet
585Kb / 5P
Subminiature Pushbutton Switches
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
Subminiature Pushbutton Switches
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
Illuminated Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
Subminiature Pushbutton Switches
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
Subminiature Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
Sealed Subminiature Pushbutton Switches
logo
Copal Electronics
APE COPAL-APE Datasheet
407Kb / 4P
Subminiature Pushbutton Switches
logo
C&K Components
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
Subminiature Pushbutton Switches
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
Subminiature Pushbutton Switches
8 Aug 22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com