Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC112 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC112
Description  Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC112 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC112 Datasheet HTML 1Page - Texas Instruments CD54HC112 Datasheet HTML 2Page - Texas Instruments CD54HC112 Datasheet HTML 3Page - Texas Instruments CD54HC112 Datasheet HTML 4Page - Texas Instruments CD54HC112 Datasheet HTML 5Page - Texas Instruments CD54HC112 Datasheet HTML 6Page - Texas Instruments CD54HC112 Datasheet HTML 7Page - Texas Instruments CD54HC112 Datasheet HTML 8Page - Texas Instruments CD54HC112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Pulse Width R, StW
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
Setup Time J, K, to CP
tSU
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
Hold Time J, K, to CP
tH
-2
0
-
-
0
-
0
-
ns
4.5
0
-
-
0
-
0
-
ns
6
0
-
-
0-0-
ns
Removal Time R to CP, S to CP
tREM
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
CP Frequency
fMAX
-
2
6
-
-
5
-
4
-
MHz
4.5
30
-
-
25
-
20
-
MHz
6
35
-
-
29
-
23
-
MHz
HCT TYPES
Pulse Width CP
tSU
-
4.5
16
-
-
20
-
24
-
ns
Pulse Width R, StW
-
4.5
18
-
-
23
-
27
-
ns
Setup Time J, K, to CP
tH
-
4.5
16
-
-
20
-
24
-
ns
Hold Time J, K, to CP
tREM
-
4.5
3
-
-
3
-
3
-
ns
Removal Time R to CP, S to CP
tW
-
4.5
20
-
-
25
-
30
-
ns
CP Frequency
fMAX
-
4.5
30
-
-
25
-
20
-
MHz
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
CP to Q, Q
tPLH, tPHL CL = 50pF
2
-
-
175
-
220
-
265
ns
CL = 50pF
4.5
-
-
35
-
44
-
53
ns
CL = 15pF
5
-
14
-
----
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
Propagation Delay,
S to Q, Q
tPLH, tPHL CL = 50pF
2
-
-
155
-
195
-
235
ns
CL = 50pF
4.5
-
-
31
-
39
-
47
ns
CL = 15pF
5
-
13
-
----
ns
CL = 50pF
6
-
-
26
-
33
-
40
ns
Propagation Delay,
R to Q, Q
tPLH, tPHL CL = 50pF
2
-
-
180
-
225
-
270
ns
CL = 50pF
4.5
-
-
36
-
45
-
54
ns
CL = 15pF
5
-
15
-
----
ns
CL = 50pF
6
-
-
31
-
38
-
46
ns
Prerequisite For Switching Specifications
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC112, CD74HC112, CD54HCT112, CD74HCT112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com