Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATE4 Datasheet(PDF) 5 Page - Copal Electronics

Part # ATE4
Description  Subminiature Toggle Switch With Locking Lever
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE4 Datasheet(HTML) 5 Page - Copal Electronics

  ATE4 Datasheet HTML 1Page - Copal Electronics ATE4 Datasheet HTML 2Page - Copal Electronics ATE4 Datasheet HTML 3Page - Copal Electronics ATE4 Datasheet HTML 4Page - Copal Electronics ATE4 Datasheet HTML 5Page - Copal Electronics ATE4 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
★:Made to order products.
ATLE(Locking Lever Toggle Switch)
Switching
function
Part No.
Viewed from part No. marking side
★ATLE42D-6M3-Z
ON
−
ON
★ATLE42E-6M3-Z
ON
OFF
ON
Connecting terminals
2−3
5−6
−
2−1
5−4
Switching
function
Part No.
Viewed from part No. marking side
★ATLE2N-5M3-Z
ON
ON
Connecting terminals
2−3
5−6
2−1
5−4
Switching
function
Part No.
Viewed from part No. marking side
★ATLE42D-6M3-Z
ON
−
ON
★ATLE42E-6M3-Z
ON
OFF
ON
Connecting terminals
2−3
5−6
8−9
11−12
−
2−1
5−4
8−7
11−10
DPDT
DPDT
4PDT
ATLE2N−5M3−Z
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
PC hole Layouts(Topview)
PC hole Layouts(Topview)
PC hole Layouts(Topview)
(Mounting height : 7mm)
(Mounting height : 4.4mm)
(Mounting height : 7mm)
Low profile
Right angle(0.3 inch pitch)
Right angle(0.2 inch pitch)
Right angle(0.3 inch pitch)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com