Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLE4 Datasheet(PDF) 3 Page - Copal Electronics

Part # ATLE4
Description  Subminiature Toggle Switch With Locking Lever
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATLE4 Datasheet(HTML) 3 Page - Copal Electronics

  ATLE4 Datasheet HTML 1Page - Copal Electronics ATLE4 Datasheet HTML 2Page - Copal Electronics ATLE4 Datasheet HTML 3Page - Copal Electronics ATLE4 Datasheet HTML 4Page - Copal Electronics ATLE4 Datasheet HTML 5Page - Copal Electronics ATLE4 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ATE(Subminiature Toggle Switch)
Switching
function
Part No.
Viewed from part No. marking side
★ATE42D-2M4-Z
ON
−
ON
Connecting terminals
2−1
5−4
−
2−3
5−6
Switching
function
Part No.
Viewed from part No. marking side
★ATE42D-6M3-Z
ON
−
ON
Connecting terminals
2−3
5−6
−
2−1
5−4
Switching
function
Part No.
Viewed from part No. marking side
☆ATE44D-2M4-Z
ON
−
ON
Connecting terminals
2−1
5−4
8−7
11−10
−
2−3
5−6
8−9
11−12
Switching
function
Part No.
Viewed from part No. marking side
★ATE44D-6M3-Z
ON
−
ON
Connecting terminals
2−3
5−6
8−9
11−12
−
2−1
5−4
8−7
11−10
DPDT
DPDT
4PDT
4PDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
★:Made to order products.
☆:Semi-standard products.
PC Straight
PC Straight
PC hole Layouts(Topview)
PC hole Layouts(Topview)
PC hole Layouts(Topview)
PC hole Layouts(Topview)
(With bracket)
(With bracket)
(Mounting height : 7mm)
(Mounting height : 7mm)
Right angle(0.3 inch pitch)
Right angle(0.3 inch pitch)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com