Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2R-2M-Z Datasheet(PDF) 5 Page - Copal Electronics

Part # AP2R-2M-Z
Description  Subminiature Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

AP2R-2M-Z Datasheet(HTML) 5 Page - Copal Electronics

  AP2R-2M-Z Datasheet HTML 1Page - Copal Electronics AP2R-2M-Z Datasheet HTML 2Page - Copal Electronics AP2R-2M-Z Datasheet HTML 3Page - Copal Electronics AP2R-2M-Z Datasheet HTML 4Page - Copal Electronics AP2R-2M-Z Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
■ Soldering SpeciÄcations
⑴Manual Soldering
Device:Soldering iron
①380°
C, Max.; 3 seconds, Max.
⑵Auto Soldering (PC types only)
Device:Jet wave type or dip type
①275°
C, 6 seconds, Max.
・Pre-heating should be done at temperatures from 80 to 120°
C and within 120 seconds.
⑶When soldering two or more terminals to the common land, use
solder resist to solder them independently.
■ Flux Cleaning
⑴ Solvent :Fluorine or Alcohol type
⑵ The AP s erie s are no t w a shable. To w a sh the PC
board, clean the soldering surface of the PC board
with a brush so that the switch is not exposed to the
cleaning solution.
AP
■ Color Cap Mounting
AP
−MAP−S
Refer to P.253.
■ Packaging SpeciÄcations
■ Table of Part Numbers
Term.style
Poles
Switching function
APE
−MAP−MAP−SAP−H
PC
1 pole
ON
−
(OFF)
−
★AP1B−2M−Z
★AP1B−2S−Z
★AP1B−2H−Z
OFF
−(ON)
−
 AP1C−2M−Z
 AP1C−2S−Z
 AP1C−2H−Z
ON
−(ON) APE1F−2M−10−Z
☆AP1F−2M−Z
 AP1F−2S−Z
 AP1F−2H−Z
2 poles
ON
−
(OFF)
−
★AP2L−2M−Z
▲AP2L−2S−Z
▲AP2L−2H−Z
OFF
−(ON)
−
★AP2M−2M−Z
★AP2M−2S−Z
★AP2M−2H−Z
ON
−(ON) APE2F−2M−10−Z
★AP2R−2M−Z
★AP2R−2S−Z
★AP2R−2H−Z
0.3R/A
1 pole
ON
−
(OFF)
−
★AP1B−6M−Z
★AP1B−6S−Z
−
OFF
−(ON)
−
 AP1C−6M−Z
 AP1C−6S−Z
−
ON
−(ON) APE1F−6M−10−Z
★AP1F−6M−Z
 AP1F−6S−Z
−
2 poles
ON
−
(OFF)
−
★AP2L−6M−Z
★AP2L−6S−Z
−
OFF
−(ON)
−
☆AP2M−6M−Z
★AP2M−6S−Z
−
ON
−(ON)☆APE2F−6M−10−Z
★AP2R−6M−Z
☆AP2R−6S−Z
−
0.2R/A
1 pole
ON
−(ON)
 APE1F−5M−10−Z
−−−
 APE1F−5M−10−2−Z
−−−
2 poles
ON
−(ON)
★APE2F−5M−10−Z
−−−
−−−−
(ON)
.
(OFF)
:Momentary.
★:Made to order products.
☆:Semi-standard products.
▲:Inquiry products.
Plastick Pack
PC terminals
: 100 pcs/pack
AP2
: 50 pcs/pack
Right-angle terminals
: 50 pcs/pack



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com