Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CES-0402C Datasheet(PDF) 2 Page - Copal Electronics

Part # CES-0402C
Description  SLIDE SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CES-0402C Datasheet(HTML) 2 Page - Copal Electronics

  CES-0402C Datasheet HTML 1Page - Copal Electronics CES-0402C Datasheet HTML 2Page - Copal Electronics CES-0402C Datasheet HTML 3Page - Copal Electronics CES-0402C Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CES
SLIDE SWITCHES (FULL PITCH)
■ STANDARD SPECIFICATIONS
Operating temp. range
Storage temp. range
Sealing
Net weight
− 40 ~ 85 °C
Non-washable
Approx. 0.9 g (CES-02)
Approx. 1.5 g (CES-04)
Approx. 2.1 g (CES-06)
Approx. 2.7 g (CES-08)
Stroke
Operation force
Stop strength
Solderability
Soldering heat
2 mm
0.5 ~ 7 N {0.05 ~ 0.71 kgf} maximum
10 N {1.02 kgf} 60 s
245
± 3 °C, 2 ~ 3 s
■ MECHANICAL CHARACTERISTICS
Terminal strength
5 N {0.51 kgf} 10 s Pull
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC6 V, 100 mA DC24 V, 25 mA
DC20 mV 1
μA
50 m
Ω maximum
1000 M
Ω (DC100 V) minimum
AC500 V, 60 s
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
(Amplitude) 1.5 mm or (Acceleration) 98 m/s
2,
10-500 Hz, 3 directions for 10 cycles each
490 m/s
2, 11 ms, 6 directions for 3 times each
Continuous load 1000 cycles,
DC6
± 0.5 V, 100 ± 10 mA
−10 ~ 65 °C, Relative humidity 0 ~ 96 %,
24 h for 10 cycles
85 °C, 96 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles
■ ELECTRICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
{ } : Reference only
Flow
:260
± 3 °C, 5 ~ 6 s, two times maximum
Manual soldering
:380
± 10 °C, 3 ~ 4 s
■ LIST OF PART NUMBERS
No. of bits
4
2
Form of packaging
Plastic bag
Magazine
Plastic bag
Magazine
Plastic bag
Magazine
Plastic bag
Magazine
6
8
CES-0202C
CES-0202MC
CES-0402C
CES-0402MC
CES-0602C
CES-0602MC
CES-0802C
CES-0802MC
10 pcs. /pack
60 pcs./stick
10 pcs. /pack
36 pcs./stick
10 pcs. /pack
26 pcs./stick
10 pcs. /pack
20 pcs./stick
C
Through hole pins
Pieces in package
※ Verify the above part numbers when placing orders.
Taping version can be supplied only in reel unit.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com