Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2P Datasheet(PDF) 2 Page - Copal Electronics

Part # AS2P
Description  Hyper-miniature Slide Switchess
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

AS2P Datasheet(HTML) 2 Page - Copal Electronics

  AS2P Datasheet HTML 1Page - Copal Electronics AS2P Datasheet HTML 2Page - Copal Electronics AS2P Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AS
Switching function
Part No.
Viewed from part No. marking side
 AS1D−2M−10−Z
ON
−
ON
☆AS1E−2M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
−
2
−3
Switching function
Part No.
Viewed from part No. marking side
 AS2D−2M−10−Z
ON
−
ON
★AS2E−2M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
−
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
★AS2N−2M−10−Z
ON
−
ON
★AS2P−2M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
−
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
 AS1D−5M−10−Z
ON
−
ON
 AS1E−5M−10−Z
ON
OFF
ON
接続端子
Connecting terminals
2
−1
−
2
−3
Switching function
Part No.
Viewed from part No. marking side
 AS2D−5M−10−Z
ON
−
ON
★AS2E−5M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
−
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
★AS2N−5M−10−Z
ON
−
ON
★AS2P−5M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
−
2
−3
5
−6
SPDT
SPDT
DPDT
DPDT
DPDT
DPDT
Distance between two terminal rows : 2.54 mm
Distance between two terminal rows : 5.08 mm
※Mounting height : 3.1mm
※Mounting height : 5.15mm
※Mounting height : 3.1mm
★:Made to order products.
PC
PC
PC
0.2R/A
0.2R/A
0.2R/A
Terminal numbers are not shown on the switch. Non-marking : standard stock items.
☆:Semi-standard products.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com