Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCFR83 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCFR83
Description  DIRECT RAMBUS CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCFR83 Datasheet(HTML) 1 Page - Texas Instruments

  CDCFR83 Datasheet HTML 1Page - Texas Instruments CDCFR83 Datasheet HTML 2Page - Texas Instruments CDCFR83 Datasheet HTML 3Page - Texas Instruments CDCFR83 Datasheet HTML 4Page - Texas Instruments CDCFR83 Datasheet HTML 5Page - Texas Instruments CDCFR83 Datasheet HTML 6Page - Texas Instruments CDCFR83 Datasheet HTML 7Page - Texas Instruments CDCFR83 Datasheet HTML 8Page - Texas Instruments CDCFR83 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CDCFR83
DIRECT RAMBUS
 CLOCK GENERATOR
SCAS665A – APRIL 2001 REVISED MARCH 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 533-MHz Differential Clock Source for
Direct RambusMemory Systems for an
1066-MHz Data Transfer Rate
D Synchronizes the Clock Domains of the
Rambus Channel With an External System
or Processor Clock
D Three Power Operating Modes to Minimize
Power for Mobile and Other
Power-Sensitive Applications
D Operates From a Single 3.3-V Supply and
120 mW at 300 MHz (Typ)
D Packaged in a Shrink Small-Outline
Package (DBQ)
D Supports Frequency Multipliers: 4, 6, 8,
16/3
D No External Components Required for PLL
D Supports Independent Channel Clocking
D Spread Spectrum Clocking Tracking
Capability to Reduce EMI
D Designed for Use With TI’s 133-MHz Clock
Synthesizers CDC924 and CDC921
D Cycle-Cycle Jitter Is Less Than 40 ps at
533 MHz
D Certified by Gigatest Labs to Exceed the
Rambus DRCG Validation Requirement
D Supports Industrial Temperature Range of
–40°C to 85°C
description
The Direct Rambus clock generator (DRCG) provides the necessary clock signals to support a Direct Rambus
memory subsystem. It includes signals to synchronize the Direct Rambus channel clock to an external system
or processor clock. It is designed to support Direct Rambus memory on a desktop, workstation, server, and
mobile PC motherboards. DRCG also provides an off-the-shelf solution for a broad range of Direct Rambus
memory applications.
The DRCG provides clock multiplication and phase alignment for a Direct Rambus memory subsystem to
enable synchronous communication between the Rambus channel and ASIC clock domains. In a Direct
Rambus memory subsystem, a system clock source provides the REFCLK and PCLK clock references to the
DRCG and memory controller, respectively. The DRCG multiplies REFCLK and drives a high-speed BUSCLK
to RDRAMs and the memory controller. Gear ratio logic in the memory controller divides the PCLK and BUSCLK
frequencies by ratios M and N such that PCLKM = SYNCLKN, where SYNCLK = BUSCLK/4. The DRCG detects
the phase difference between PCLKM and SYNCLKN and adjusts the phase of BUSCLK such that the skew
between PCLKM and SYNCLKN is minimized. This allows data to be transferred across the SYNCLK/PCLK
boundary without incurring additional latency.
User control is provided by multiply and mode selection terminals. The multiply terminals provide selection of
one of four clock frequency multiply ratios, generating BUSCLK frequencies ranging from 267 MHz to 533 MHz
with clock references ranging from 33 MHz to 100 MHz. The mode select terminals can be used to select a
bypass mode where the frequency multiplied reference clock is directly output to the Rambus channel for
systems where synchronization between the Rambus clock and a system clock is not required. Test modes are
provided to bypass the PLL and output REFCLK on the Rambus channel and to place the outputs in a
high-impedance state for board testing.
The CDCFR83 is characterized for operation over free-air temperatures of –40
°C to 85°C.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Direct Rambus and Rambus are trademarks of Rambus Inc.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VDDIR
REFCLK
VDDP
GNDP
GNDI
PCLKM
SYNCLKN
GNDC
VDDC
VDDIPD
STOPB
PWRDNB
S0
S1
VDDO
GNDO
CLK
NC
CLKB
GNDO
VDDO
MULT0
MULT1
S2
DBQ PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - CDCFR83

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCFR83 TI1-CDCFR83 Datasheet
479Kb / 15P
Direct Rambus Clock generator
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
DIRECT RAMBUS??CLOCK GENERATOR
CDCFR83A TI1-CDCFR83A Datasheet
543Kb / 15P
DIRECT RAMBUS CLOCK GENERATOR
CDCFR83ADBQ TI1-CDCFR83ADBQ Datasheet
543Kb / 15P
DIRECT RAMBUS CLOCK GENERATOR
CDCFR83ADBQG4 TI1-CDCFR83ADBQG4 Datasheet
543Kb / 15P
DIRECT RAMBUS CLOCK GENERATOR
More results

Similar Description - CDCFR83

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
Direct RAMbus Clock Generator
1999 Jan 19
logo
Texas Instruments
CDCR83 TI-CDCR83 Datasheet
172Kb / 13P
DIRECT RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
Direct Rambus Clock Generator
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
DIRECT RAMBUS??CLOCK GENERATOR
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
Direct Rambus Clock generator
CDCFR83A TI1-CDCFR83A_14 Datasheet
543Kb / 15P
DIRECT RAMBUS CLOCK GENERATOR
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
DIRECT RAMBUS??CLOCK GENERATOR
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
Direct Rambus??Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com