Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6233 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF6233
Description  High-Precision Voltage Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF6233 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF6233 Datasheet HTML 9Page - Texas Instruments REF6233 Datasheet HTML 10Page - Texas Instruments REF6233 Datasheet HTML 11Page - Texas Instruments REF6233 Datasheet HTML 12Page - Texas Instruments REF6233 Datasheet HTML 13Page - Texas Instruments REF6233 Datasheet HTML 14Page - Texas Instruments REF6233 Datasheet HTML 15Page - Texas Instruments REF6233 Datasheet HTML 16Page - Texas Instruments REF6233 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
0
10
20
30
40
ADC Output Code
C053
±4
±3
±2
±1
0
1
2
3
4
0
200
400
600
800
1000
Time (µs)
C04
Regular Voltage Reference Droop
REF62xx Droop
13
REF6225, REF6230, REF6233, REF6241, REF6245, REF6250
www.ti.com
SBOS748 – SEPTEMBER 2016
Product Folder Links: REF6225 REF6230 REF6233 REF6241 REF6245 REF6250
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, IL = 0 mA, and VIN = 5 V, using REF6225 (unless otherwise noted)
AINP = AINN = VREF / 2 for ADS8881,
sampling rate = 20 kSPS
Figure 37. DC Input Histogram
1 LSB = 19.07 µV, with ADS8881 at 1 MSPS
Figure 38. Reference Droop Comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com