Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138A Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A
Description  Highly-Integrated Digital Controller for Isolated Power
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138A Datasheet(HTML) 33 Page - Texas Instruments

Back Button UCD3138A Datasheet HTML 29Page - Texas Instruments UCD3138A Datasheet HTML 30Page - Texas Instruments UCD3138A Datasheet HTML 31Page - Texas Instruments UCD3138A Datasheet HTML 32Page - Texas Instruments UCD3138A Datasheet HTML 33Page - Texas Instruments UCD3138A Datasheet HTML 34Page - Texas Instruments UCD3138A Datasheet HTML 35Page - Texas Instruments UCD3138A Datasheet HTML 36Page - Texas Instruments UCD3138A Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
33
UCD3138A
www.ti.com
SLUSC66C – MARCH 2015 – REVISED SEPTEMBER 2016
Submit Documentation Feedback
Product Folder Links: UCD3138A
Detailed Description
Copyright © 2015–2016, Texas Instruments Incorporated
Table 7-4. Interrupt Priority Table (continued)
NAME
MODULE COMPONENT OR
REGISTER
DESCRIPTION
PRIORITY
CAPTURE_0_INT
24-bit timer control
24-bit Timer capture 0 interrupt
21
COMP_0_INT
24-bit timer control
24-bit Timer compare 0 interrupt
22
CPCC_INT
Constant power constant current
Mode switched in CPCC module Flag needs to be read
for details
23
ADC_CONV_INT
12-bit ADC control
ADC end of conversion interrupt
24
FAULT_INT
Fault Mux interrupt
Analog comparator interruptions, overvoltage detection,
undervoltage detection, LLM load step detection
25
DPWM3
DPWM3
Same as DPWM1
26
DPWM2
DPWM2
Same as DPWM1
27
DPWM1
DPWM1
1) Every (1 to 256) switching cycles
2) Fault detection
3) Mode switching
28
DPWM0
DPWM0
Same as DPWM1
29
EXT_FAULT_INT
External Faults
Fault pin interrupt
30
SYS_SSI_INT
System Software
System software interrupt
31 (highest)
7.5
Feature Description
7.5.1
Sync FET Ramp and IDE Calculation
The UCD3138A has built in logic for controlling MOSFETs for synchronous rectification (Sync FETs). This
comes in two forms:
•
Sync FET ramp
•
Ideal Diode Emulation (IDE) calculation
When starting up a power supply, sometimes there is already a voltage on the output – this is called
prebias. It is difficult to calculate the ideal Sync FET on-time for this case. If it is not calculated correctly, it
may pull down the prebias voltage, causing the power supply to sink current.
To avoid this, Sync FETs are not turned on until the power supply has ramped up to the nominal voltage.
The Sync FETs are turned on gradually in order to avoid an output voltage glitch. The Sync FET Ramp
logic can be used to turn them on at a rate below the bandwidth of the filter.
In discontinuous mode, the ideal on-time for the Sync FETs is a function of VIN, VOUT, and the primary side
duty cycle (D). The IDE logic in the UCD3138A takes VIN and VOUT data from the firmware and combines it
with D data from the filter hardware. It uses this information to calculate the ideal on-time for the Sync
FETs.
7.5.2
Automatic Mode Switching
Automatic Mode switching enables the DPWM module to switch between modes automatically. This is
useful to increase efficiency and power range. The following paragraphs describe phase-shifted full bridge
and LLC examples:
7.5.2.1
Phase Shifted Full Bridge Example
Phase shifted full bridge topologies are shown in Figure 7-1 and Figure 7-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com