Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RGCT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 2Page - Texas Instruments UCD3138RGCT Datasheet HTML 3Page - Texas Instruments UCD3138RGCT Datasheet HTML 4Page - Texas Instruments UCD3138RGCT Datasheet HTML 5Page - Texas Instruments UCD3138RGCT Datasheet HTML 6Page - Texas Instruments UCD3138RGCT Datasheet HTML 7Page - Texas Instruments UCD3138RGCT Datasheet HTML 8Page - Texas Instruments UCD3138RGCT Datasheet HTML 9Page - Texas Instruments UCD3138RGCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
6
UCD3138
SLUSAP2G – MARCH 2012 – REVISED SEPTEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: UCD3138
Revision History
Copyright © 2012–2016, Texas Instruments Incorporated
•
Changed conditions for VOL and VOH specifications in Electrical Characteristics ........................................... 15
•
Added TWD specification to Electrical Characteristics
......................................................................... 15
•
Changed "PWM" to "DPWM" in
.................................................................................................. 20
•
Changed waveforms graphic for "Phase Shifted Full Bridge Example" for clarification
................................... 30
•
Added text to section
............................................................................................................... 31
•
Changed typical conversion speed from "268 ksps" to "267 ksps" in the General Purpose ADC12 section.
........... 42
•
Added package ID information for the UCD3138RGC and UCD3138RHA devices.
....................................... 44
•
Added bullet "AD02 has a special ESD protection mechanism that prevents the pin from pulling down the
current-share bus if power is missing from the UCD3138" to .
................................................................ 46
•
Changed "PWMA" and "PWMB" to "DPWMA" and "DPWMB" in Section 6.6.1.
........................................... 50
•
Added sub-bullet "The power pad of the driver IC should be tied to DGND" and changed capacitor value from
"0.1 µF" to "4.7 µF" in
.............................................................................................................. 68
•
Changed " Mechanical Data" section to "References" section
................................................................ 71
Changes from Original (March 2012) to Revision A
Page
•
Added Production Data statement to footnote and removed "Product Preview" banner
.................................... 1
•
Deleted table: Summary of Key Differences Between UCD3138x and UCD3138
........................................... 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com