Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RMHT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RMHT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RMHT Datasheet(HTML) 5 Page - Texas Instruments

  UCD3138RMHT Datasheet HTML 1Page - Texas Instruments UCD3138RMHT Datasheet HTML 2Page - Texas Instruments UCD3138RMHT Datasheet HTML 3Page - Texas Instruments UCD3138RMHT Datasheet HTML 4Page - Texas Instruments UCD3138RMHT Datasheet HTML 5Page - Texas Instruments UCD3138RMHT Datasheet HTML 6Page - Texas Instruments UCD3138RMHT Datasheet HTML 7Page - Texas Instruments UCD3138RMHT Datasheet HTML 8Page - Texas Instruments UCD3138RMHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
5
UCD3138
www.ti.com
SLUSAP2G – MARCH 2012 – REVISED SEPTEMBER 2016
Submit Documentation Feedback
Product Folder Links: UCD3138
Revision History
Copyright © 2012–2016, Texas Instruments Incorporated
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (November 2013) to Revision G
Page
•
Added Device and Documentation Support section and ESD Ratings table.
................................................. 2
•
Changed document flow to match UCD3138A.
................................................................................... 2
•
Added RJA package to Features and the Device Information table.
.......................................................... 2
•
Added RJA package.
.............................................................................................................. 10
•
Added the RJA package to the Thermal Information table.
................................................................... 13
Changes from Revision E (August 2013) to Revision F
Page
•
Changed Top Side Marking info from " 3138 " to " 3138RMH " in the Ordering Information table.
..................... 13
Changes from Revision D (August 2013) to Revision E
Page
•
Added UCD3138RMH to Feature bullet
........................................................................................... 1
•
Added RMH package pinout drawing
.............................................................................................. 9
•
Added RMH package thermal specifications
.................................................................................... 13
•
Changed Global I/O registers ordered list, item 5 text from "Connecting pin/pins to high rail through internal pull
up resistors." to "Configuring pin/pins as open drain or push-pull (Normal)"
................................................ 45
Changes from Revision C (March 2013) to Revision D
Page
•
Changed TOPT spec to TJ in Abs Max table with MAX temp of 150°C ....................................................... 13
•
Added BP18 Voltage vs Temperature graphic
.................................................................................. 24
Changes from Revision B (July 2012) to Revision C
Page
•
Deleted "JTAG Debug Port" feature bullet
........................................................................................ 1
•
Deleted text string "JTAG debug" from Description section.
.................................................................... 2
•
Added NOTE under Functional Block Diagram
................................................................................... 3
•
Deleted "JTAG" option from Product Selection Matrix.
.......................................................................... 8
•
Added text to Pin 54 description
.................................................................................................. 11
•
Added text to Pin 35 description
.................................................................................................. 12
•
Added BP18 spec to Abs Max Ratings and Recommended Operating Conditions Tables
............................... 13
•
Deleted VDD specification from System Performance section of Electrical Characteristics................................ 15
•
Added footnote to Table 5-1
....................................................................................................... 16
•
Added text string regarding front-end 2 in the Front End section
............................................................ 19
•
Deleted text string reference to "JTAG port" in ARM Processor section
..................................................... 25
•
Changed illustration in IC Grounding and Layout Recommendations section
.............................................. 68
•
Changed text strings in
............................................................................................................ 69
•
Added document to References list
............................................................................................... 71
Changes from Revision A (March 2012) to Revision B
Page
•
Added Feature bullets
................................................................................................................ 1
•
Changed "Dual Edge Modulation" to "Triangular Modulation" in Features section
.......................................... 1
•
Changed "265 ksps" to "267 ksps" in Features section
......................................................................... 1
•
Clarified number of UARTs in Feature section
................................................................................... 1
•
Changed "FDPP" to "DDP" throughout.
........................................................................................... 2
•
Changed Total GPIO pin count for the UCD3138 40-pin device from "17" to "18" in the Product Selection Matrix
table.
.................................................................................................................................... 8
•
Changed "VREG" to "BP18" in conditions statement for Electrical Characteristics
........................................ 14
•
Changed EAP – EAN Error voltage digital resolution MIN values for AFE = 3, AFE = 2, AFE = 1, AFE = 0 from
0.95, 1.90, 3.72, and 7.3 respectively; to, 0.8, 1.7, 3.55, and 6.90 respectively.
........................................... 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com