Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC73EE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC73EE4
Description  Dual J-K Flip-Flop with Reset Negative-Edge Trigger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC73EE4 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC73EE4 Datasheet HTML 1Page - Texas Instruments CD74HC73EE4 Datasheet HTML 2Page - Texas Instruments CD74HC73EE4 Datasheet HTML 3Page - Texas Instruments CD74HC73EE4 Datasheet HTML 4Page - Texas Instruments CD74HC73EE4 Datasheet HTML 5Page - Texas Instruments CD74HC73EE4 Datasheet HTML 6Page - Texas Instruments CD74HC73EE4 Datasheet HTML 7Page - Texas Instruments CD74HC73EE4 Datasheet HTML 8Page - Texas Instruments CD74HC73EE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Functional Diagram
Logic Diagram
TRUTH TABLE
INPUTS
OUTPUTS
R
CP
J
K
Q
Q
L
XXX
L
H
H
↓
L
L
No Change
H
↓
HLHL
H
↓
LHLH
H
↓
H
H
Toggle
H
H
X
X
No Change
H =High Level (Steady State)
L
=Low Level (Steady State)
X = Irrelevant
↓ = High-to-Low Transition
2R
12
13
1Q
1Q
6
2
1R
2K
10
5
9
8
2Q
2Q
2CP
FF 1
FF 2
GND = 11
VCC = 4
2J
7
1K
3
1
1CP
1J
14
nA
J
K
CL
CL R
12 (9)
Q
13 (8)
Q
14 (7)
3(10)
J
K
1 (5)
CP
2 (6)
R
CD54HC73, CD74HC73, CD74HCT73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com