Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS98100 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS98100
Description  DVD PROCESSOR FOR LOW COST DVD PLAYERS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98100 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS98100 Datasheet HTML 9Page - Cirrus Logic CS98100 Datasheet HTML 10Page - Cirrus Logic CS98100 Datasheet HTML 11Page - Cirrus Logic CS98100 Datasheet HTML 12Page - Cirrus Logic CS98100 Datasheet HTML 13Page - Cirrus Logic CS98100 Datasheet HTML 14Page - Cirrus Logic CS98100 Datasheet HTML 15Page - Cirrus Logic CS98100 Datasheet HTML 16Page - Cirrus Logic CS98100 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
CS98100
13
1.2.5
Digital Audio Interface Timing
Figure 8 and Figure 9 illustrate the signal timing for the digital audio pins. The bi-directional AUD_XCK
pin clocks at 8x the frequency of the AUD_BCK pin. The AUD_BCK pin outputs at 32x or 48x of the
sample frequency, and transitions on the falling edge of the AUD_XCK pin. AUD_BCK is shown without
polarity to indicate the polarity is programmable.
Symbol
Description
Min
Typ
Max
Unit
tslri
AIN_LRCK setup to AUD_BCK active edge
25
-
ns
tsdi
AIN_DATA setup to AUD_BCK active edge
25
-
ns
thsdi
AIN_DATA hold time after AUD_BCK active edge 1
-
ns
Table 5. Digital Audio In Characteristics
Figure 8. Digital Audio In Timing Diagram
*AUD_BCK (Output)
AIN_DATA (Input)
AIN_LRCK (Input)
tlrts
tsdsus tsdhs
* Active clock edge is programmable. Timing is referenced from active edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com