Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1-R10-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # C1-R10-10
Description  CERAMIC CHIP INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C1-R10-10 Datasheet(HTML) 6 Page - Superworld Electronics

  C1-R10-10 Datasheet HTML 1Page - Superworld Electronics C1-R10-10 Datasheet HTML 2Page - Superworld Electronics C1-R10-10 Datasheet HTML 3Page - Superworld Electronics C1-R10-10 Datasheet HTML 4Page - Superworld Electronics C1-R10-10 Datasheet HTML 5Page - Superworld Electronics C1-R10-10 Datasheet HTML 6Page - Superworld Electronics C1-R10-10 Datasheet HTML 7Page - Superworld Electronics C1-R10-10 Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
26.01.2015
C1 SERIES
may cause the failure of mechanical or electrical performance. Solder shall be used not to be exceed as shown in Fig. 3.
Accordingly increasing the solder volume, the mechanical stress to product is also increased. Exceeding solder volume
Figure 3
ReC0mmendable
Upper limit
8-3. Solder Volume
CERAMIC CHIP INDUCTORS
Minimum fillet height = soldering thickness + 25% product height



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com