Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8D3014C-Z Datasheet(PDF) 2 Page - Copal Electronics

Part # 8D3014C-Z
Description  Toggle Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

8D3014C-Z Datasheet(HTML) 2 Page - Copal Electronics

  8D3014C-Z Datasheet HTML 1Page - Copal Electronics 8D3014C-Z Datasheet HTML 2Page - Copal Electronics 8D3014C-Z Datasheet HTML 3Page - Copal Electronics 8D3014C-Z Datasheet HTML 4Page - Copal Electronics 8D3014C-Z Datasheet HTML 5Page - Copal Electronics 8D3014C-Z Datasheet HTML 6Page - Copal Electronics 8D3014C-Z Datasheet HTML 7Page - Copal Electronics 8D3014C-Z Datasheet HTML 8Page - Copal Electronics 8D3014C-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
■Terminals
Solder Terminal
(Style:1)
PC Straight
(Style:2)
Right Angle
(Style:4)
Vertical Mount
(Style:6)
t=0.8
t=0.8
PC
t=0.8
R/A
t=0.8
w=1.2
V/M
8 Series Toggles Selection Table
Part No.
Name
Actuator shape
Number of poles
Switching function
Terminals
Page
8A
Standard toggle
1
・2・3・4
ON
ON
(ON)
ON
ON
ON
ON
ON
ON
(ON)
−
− OFF −
− OFF −
− OFF −
−
−
− OFF −
− ON −
− ON −
− ON −
ON
ON
(ON)
(ON)
(ON)
ON
ON
ON
(ON)
(ON)
Solder Lug
Straight PC
389
391
8B
Mustang Toggle
1
・2・3・4
Solder Lug
Straight PC
392
393
8C
Flatted Toggle
1
・2・3・4
Solder Lug
Straight PC
394
395
8D
Long Toggle
1
・2・3・4
Solder Lug
Straight PC
396
397
8E
Lever Lock Toggle
1
・2・3・4
Solder Lug
Straight PC
398
399
8F
Splash Proof Toggle
1
・2・3・4
Solder Lug
Straight PC
400
401
8J
Short Toggle
1
・2・3・4
Solder Lug
Straight PC
402
403
8S
Color Tip Toggle
1
・2・3・4
Solder Lug
Straight PC
404
405
8G
Short Toggle
Washable
1
・2
ON
ON
(ON)
ON
ON
−
− OFF −
− OFF −
− OFF −
−
ON
ON
(ON)
(ON)
(ON)
Straight PC Right Angle
Vertical
406
407
8GA
Standard Toggle
Washable
1
・2
Straight PC Right Angle
Vertica
408
8GD
LongToggle
Washable
1
・2
Straight PC Right Angle
Vertica
409
8GS
Color Tip Toggle
Washable
1
・2
Straight PC Right Angle
Vertica
410
( ) indicates momentary actuation
※1/2 Poles
※3/4 Poles
※8A Type
 2&4 Poles only
ug
St
ug
St
ug
St
ug
St
ug
St
ug
St
ug
St
ug
St



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com