Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7573IPWR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7573IPWR
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7573IPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7573IPWR Datasheet HTML 12Page - Texas Instruments DAC7573IPWR Datasheet HTML 13Page - Texas Instruments DAC7573IPWR Datasheet HTML 14Page - Texas Instruments DAC7573IPWR Datasheet HTML 15Page - Texas Instruments DAC7573IPWR Datasheet HTML 16Page - Texas Instruments DAC7573IPWR Datasheet HTML 17Page - Texas Instruments DAC7573IPWR Datasheet HTML 18Page - Texas Instruments DAC7573IPWR Datasheet HTML 19Page - Texas Instruments DAC7573IPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
www.ti.com
DAC7573
SLAS398 – SEPTEMBER 2003
Table 2. Control Byte
C7
C6
C5
C4
C3
C2
C1
C0
MSB7
MSB6
MSB5...
Don’t
MSB
MSB-1
MSB-2
A3
A2
Load1
Load0
Ch Sel 1
Ch Sel 0
PD0
Care
(PD1)
(PD2)
...LSB
DESCRIPTION
(Address
Select)
(A3 and A2
0
0
X
0
0
0
Data
Write to temporary
should corre-
register A (TRA) with
spond to the
data
package ad-
Write to temporary
dress, set via
0
0
X
0
1
0
Data
register B (TRB) with
pins A3 and
data
A2)
Write to temporary
0
0
X
1
0
0
Data
register C (TRC) with
data
Write to temporary
0
0
X
1
1
0
Data
register D (TRD) with
data
(00, 01, 10, or 11)
Write to TRx (selected
by C2 &C1
0
0
X
1
see Table 8
0
w/Powerdown Com-
mand
(00, 01, 10, or 11)
Write to TRx (selected
0
1
X
0
Data
by C2 &C1 and load
DACx w/data
(00, 01, 10, or 11)
Power-down DACx
0
1
X
1
see Table 8
0
(selected by C2 and
C1)
(00, 01, 10, or 11)
Write to TRx (selected
1
0
X
0
Data
by C2 &C1 w/ data and
load all DACs
(00, 01, 10, or 11)
Power-down DACx
1
0
X
1
see Table 8
0
(selected by C2 and
C1) & load all DACs
BROADCAST MODES (CONTROLS UP TO 4 DEVICES ON A SINGLE SERIAL BUS)
Update all DACs, all
X
X
1
1
X
0
X
X
X
devices with previously
stored TRx data
Update all DACs, all
X
X
1
1
X
1
X
0
Data
devices with MSB[7:0]
and LSB[7:0] data
Power-down all DACs,
X
X
1
1
X
1
X
1
see Table 8
0
all devices
Most Significant Byte
Most Significant Byte MSB[7:0] consists of eight most significant bits of 12-bit unsigned binary D/A conversion
data. C0=1, MSB[7], MSB[6] indicate a powerdown operation as shown in Table 8.
Least Significant Byte
Least Significant Byte LSB[7:0] consists of the 4 least significant bits of the 12-bit unsigned binary D/A
conversion data, followed by 4 don’t care bits. DAC7573 updates at the falling edge of the acknowledge signal
that follows the LSB[0] bit.
Default Readback Condition
If the user initiates a readback of a specified channel without first writing data to that specified channel, the
default readback is all zeros, since the readback register is initialized to 0 during the power on reset phase.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com