Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM309 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM309
Description  5-Volt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM309 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM309 Datasheet HTML 1Page - National Semiconductor (TI) LM309 Datasheet HTML 2Page - National Semiconductor (TI) LM309 Datasheet HTML 3Page - National Semiconductor (TI) LM309 Datasheet HTML 4Page - National Semiconductor (TI) LM309 Datasheet HTML 5Page - National Semiconductor (TI) LM309 Datasheet HTML 6Page - National Semiconductor (TI) LM309 Datasheet HTML 7Page - National Semiconductor (TI) LM309 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
35V
Power Dissipation
Internally Limited
Operating Junction Temperature Range
LM109
−55˚C to +150˚C
LM309
0˚C to +125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
300˚C
Electrical Characteristics (Note 2)
Parameter
Conditions
LM109
LM309
Units
Min
Typ
Max
Min
Typ
Max
Output Voltage
T
j = 25˚C
4.7
5.05
5.3
4.8
5.05
5.2
V
Line Regulation
T
j = 25˚C
4.0
50
4.0
50
mV
7.10V
≤ V
IN ≤ 25V
Load Regulation
T
j = 25˚C
TO-39 Package
5 mA
≤ I
OUT ≤ 0.5A
15
50
15
50
mV
TO-3 Package
5 mA
≤ I
OUT ≤ 1.5A
15
100
15
100
mV
Output Voltage
7.40V
≤ V
IN ≤ 25V,
4.6
5.4
4.75
5.25
V
5mA
≤ I
OUT ≤ IMAX,
P < P
MAX
Quiescent Current
7.40V
≤ V
IN ≤ 25V
5.2
10
5.2
10
mA
Quiescent Current Change
7.40V
≤ V
IN ≤ 25V
0.5
0.5
mA
5mA
≤ I
OUT ≤ IMAX
0.8
0.8
mA
Output Noise Voltage
T
A = 25˚C
40
40
µV
10 Hz
≤ f ≤ 100 kHz
Long Term Stability
10
20
mV
Ripple Rejection
T
j = 25˚C
50
50
dB
Thermal Resistance,
(Note 3)
Junction to Case
TO-39 Package
15
15
˚C/W
TO-3 Package
2.5
2.5
˚C/W
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Unless otherwise specified, these specifications apply −55˚C
≤ Tj ≤ +150˚C for the LM109 and 0˚C ≤ Tj ≤ +125˚C for the LM309; VIN = 10V; and IOUT = 0.1A
for the TO-39 package or IOUT = 0.5A for the TO-3 package. For the TO-39 package, IMAX = 0.2A and PMAX = 2.0W. For the TO-3 package, IMAX = 1.0A and PMAX
= 20W.
Note 3: Without a heat sink, the thermal resistance of the TO-39 package is about 150˚C/W, while that of the TO-3 package is approximately 35˚C/W. With a heat
sink, the effective thermal resistance can only approach the values specified, depending on the efficiency of the sink.
Note 4: Refer to RETS109H drawing for LM109H or RETS109K drawing for LM109K military specifications.
Connection Diagrams
Metal Can Packages
DS007138-33
Order Number LM109H, LM109H/883 or LM309H
See NS Package Number H03A
DS007138-34
Order Number LM109K STEEL or
LM309K STEEL
See NS Package Number K02A
Order Number LM109K/883
See NS Package Number K02C
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com