Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM6381F Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DM6381F
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6381F Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DM6381F Datasheet HTML 17Page - List of Unclassifed Manufacturers DM6381F Datasheet HTML 18Page - List of Unclassifed Manufacturers DM6381F Datasheet HTML 19Page - List of Unclassifed Manufacturers DM6381F Datasheet HTML 20Page - List of Unclassifed Manufacturers DM6381F Datasheet HTML 21Page - List of Unclassifed Manufacturers DM6381F Datasheet HTML 22Page - List of Unclassifed Manufacturers DM6381F Datasheet HTML 23Page - List of Unclassifed Manufacturers DM6381F Datasheet HTML 24Page - List of Unclassifed Manufacturers DM6381F Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Final
21
Version: DM336P-DS-F02
August 15, 2000
DM6383 DC Electrical Characteristics (VDD = 5V, GND = 0V; Tc = 0
o
C to 85
o
C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDD
Operating Voltage
4.75
5.0
5.25
V
IDD
Operating Current
30
mA
VIH
Input High Voltage
2.0
V
VIL
Input Low Voltage
+0.8
V
ILI
Input Leakage Current
-10
10
• A
VIN = 0, 5.25V
VOH
Output High Voltage
2.4
V
IOH = -0.5mA
VOL
Output Low Voltage
+0.4
V
IOL = 1.5mA
CIN
Input Capacitance
10.0
pF
VILRESET
Reset Schmitt VIL
0.8
V
VIHRESET
Reset Schmitt VIH
2.8
V
IOH
UD Data Bus Output High Current
-15.0
mA
VOH = 2.4V
IOL
UD Data Bus Output Low Current
24.0
mA
VOL = 0.4V
DM6383 AC Electrical Characteristics (VDD = 5V, GND = 0V; Tc = 0
o
C to 85
o
C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tAW
IOW Delay from Address
30
ns
tWC
Write Cycle
280
ns
tDOW
IOW Strobe Width
100
ns
tDS
Data Setup Time
30
ns
tDH
Data Hold Time
30
ns
tAR
IOR Delay from Address
30
ns
tRC
Read Cycle
280
ns
tDIW
IOR Strobe Width
125
ns
tDDD
Delay from IOR to Data Valid
125
ns
100pF loading
tHZ
IOR to Floating Data Delay
0
100
ns
100pF loading
DM6383 Timing Waveforms
Write Cycle
A15 - A0
VALID
tAW
tWC
tDOW
VALID
tDS
tDH
/IOW
/IOR
DATA UD7-UD0
Read Cycle
A15 - A0
VALID
tAR
t RC
tDIW
VALID
t DDD
t HZ
/IOR
/IOW
DATA UD7-UD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com