Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1646 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1646
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1646 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1646 Datasheet HTML 1Page - Dallas Semiconductor DS1646 Datasheet HTML 2Page - Dallas Semiconductor DS1646 Datasheet HTML 3Page - Dallas Semiconductor DS1646 Datasheet HTML 4Page - Dallas Semiconductor DS1646 Datasheet HTML 5Page - Dallas Semiconductor DS1646 Datasheet HTML 6Page - Dallas Semiconductor DS1646 Datasheet HTML 7Page - Dallas Semiconductor DS1646 Datasheet HTML 8Page - Dallas Semiconductor DS1646 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DS1646/DS1646P
2 of 11
PIN DESCRIPTION
A0-A16
- Address Input
CE
- Chip Enable
OE
- Output Enable
WE
- Write Enable
VCC
- +5V
GND
- Ground
DQ0-DQ7
- Data Input/Output
NC
- No Connection
PFO
- Power-fail Output
(DS1646P only)
X1, X2
- Crystal Connection
VBAT
- Battery Connection
DESCRIPTION
The DS1646 is a 128k x 8 nonvolatile static RAM with a full-function real time clock, which are both
accessible in a byte-wide format. The nonvolatile timekeeping RAM is functionally equivalent to any
JEDEC standard 128k x 8 SRAM. The device can also be easily substituted for ROM, EPROM and
EEPROM, providing read/write nonvolatility and the addition of the real time clock function. The real
time clock information resides in the eight uppermost RAM locations. The RTC registers contain year,
month, date, day, hours, minutes, and seconds data in 24-hour BCD format. Corrections for the day of the
month and leap year are made automatically. The RTC clock registers are double-buffered to avoid access
of incorrect data that can occur during clock update cycles. The double-buffered system also prevents
time loss as the timekeeping countdown continues unabated by access to time register data. The DS1646
also contains its own power-fail circuitry, which deselects the device when the VCC supply is in an out-of-
tolerance condition. This feature prevents loss of data from unpredictable system operation brought on by
low VCC as errant access and update cycles are avoided.
PACKAGES
The DS1646 is available in two packages: 32-pin DIP and 34-pin PowerCap module. The 32-pin DIP
style module integrates the crystal, lithium energy source, and silicon all in one package. The 34-pin
PowerCap Module Board is designed with contacts for connection to a separate PowerCap (DS9034PCX)
that contains the crystal and battery. This design allows the PowerCap to be mounted on top of the
DS1646P after the completion of the surface mount process. Mounting the PowerCap after the surface
mount process prevents damage to the crystal and battery due to the high temperatures required for solder
reflow. The PowerCap is keyed to prevent reverse insertion. The PowerCap Module Board and PowerCap
are ordered separately and shipped in separate containers. The part number for the PowerCap is
DS9034PCX.
CLOCK OPERATIONS - READING THE CLOCK
While the double-buffered register structure reduces the chance of reading incorrect data, internal updates
to the DS1646 clock registers should be halted before clock data is read to prevent reading of data in
transition. However, halting the internal clock register updating process does not affect clock accuracy.
Updating is halted when a 1 is written into the read bit, the 7th most significant bit in the control register.
As long as 1 remains in that position, updating is halted. After a halt is issued, the registers reflect the
count, that is day, date, and time that was present at the moment the halt command was issued. However,
the internal clock registers of the double-buffered system continue to update so that clock accuracy is not
affected by the access of data. All of the DS1646 registers are updated simultaneously after the clock
status is reset. Updating is within a second after the read bit is written to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com