Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1689
Description  3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1689 Datasheet HTML 1Page - Dallas Semiconductor DS1689 Datasheet HTML 2Page - Dallas Semiconductor DS1689 Datasheet HTML 3Page - Dallas Semiconductor DS1689 Datasheet HTML 4Page - Dallas Semiconductor DS1689 Datasheet HTML 5Page - Dallas Semiconductor DS1689 Datasheet HTML 6Page - Dallas Semiconductor DS1689 Datasheet HTML 7Page - Dallas Semiconductor DS1689 Datasheet HTML 8Page - Dallas Semiconductor DS1689 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
DS1689/DS1693
2 of 32
DESCRIPTION
The DS1689/DS1693 is a real time clock (RTC) designed as a successor to the industry standard DS1285,
DS1385, DS1485, and DS1585 PC real time clocks. This device provides the industry standard DS1285
clock function with the new feature of either +3.0- or +5.0 volt operation and automatic backup and write
protection to an external SRAM. The DS1689 also incorporates a number of enhanced features including
a silicon serial number, power-on/off control circuitry, and 114 bytes of user NVSRAM, power-on
elapsed timer, and power cycle counter.
Each DS1689/DS1693 is individually manufactured with a unique 64-bit serial number as well as an
additional 64-bit customer specific ROM or serial number. The serial number is programmed and tested
at Dallas to insure that no two devices are alike. The serial number can be used to electronically identify a
system for purposes such as establishment of a network node address or for maintenance tracking. Blocks
of available numbers from Dallas Semiconductor can be reserved by the customer.
The serialized RTCs also incorporate power control circuitry, which allows the system to be powered on
via an external stimulus, such as a keyboard or by a time and date (wake-up) alarm. The PWR output pin
can be triggered by one or either of these events, and can be used to turn on an external power supply.
The PWR pin is under software control, so that when a task is complete, the system power can then be
shut down.
The DS1689/DS1693 incorporates a power-on elapsed time counter, a power-on cycle counter, and a
battery powered continuous counter. These three counters provide valuable information for maintenance
and warranty requirements.
Automatic backup and write protection for an external SRAM is provided through the VCCO and CEO
pins. The lithium energy source used to permanently power the real time clock is also used to retain RAM
data in the absence of VCC power through the VCCO pin. The chip enable output to RAM ( CEO ) is
controlled during power transients to prevent data corruption.
The DS1689 is a clock/calendar chip with the features described above. An external crystal and battery
are the only components required to maintain time-of-day and memory status in the absence of power.
The DS1693 incorporates the DS1689 chip, a 32.768 kHz crystal, and a lithium battery in a complete,
self-contained timekeeping module. The entire unit is fully tested at Dallas Semiconductor such that a
minimum of 10 years of timekeeping and data retention in the absence of VCC is guaranteed.
OPERATION
The block diagram in Figure 1 shows the pin connections with the major internal functions of the
DS1689/DS1693. The following paragraphs describe the function of each pin.
SIGNAL DESCRIPTIONS
GND, VCCI - DC power is provided to the device on these pins. VCCI is the +3-volt or +5-volt input.
Five-volt operation is selected when the PSEL pin is at a logic 1. If PSEL is floated or at a logic 0, the
device will be in auto-sense mode and will determine the correct operating voltage based on the VCCI
voltage level.
PSEL (Power Select Input) - This pin selects whether 3-volt operation or 5-volt operation will be used.
When PSEL is a logic 1, 5-volt operation is selected. When PSEL is a logic 0 or is floated, the device will
be in auto-sense mode and will determine the correct mode of operation based on the voltage on VCCI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com