Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM118 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM118
Description  Operational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM118 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM118 Datasheet HTML 1Page - National Semiconductor (TI) LM118 Datasheet HTML 2Page - National Semiconductor (TI) LM118 Datasheet HTML 3Page - National Semiconductor (TI) LM118 Datasheet HTML 4Page - National Semiconductor (TI) LM118 Datasheet HTML 5Page - National Semiconductor (TI) LM118 Datasheet HTML 6Page - National Semiconductor (TI) LM118 Datasheet HTML 7Page - National Semiconductor (TI) LM118 Datasheet HTML 8Page - National Semiconductor (TI) LM118 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings (Note 7)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
±20V
Power Dissipation (Note 2)
500 mW
Differential Input Current (Note 3)
±10 mA
Input Voltage (Note 4)
±15V
Output Short-Circuit Duration
Continuous
Operating Temperature Range
LM118
−55˚C to +125˚C
LM218
−25˚C to +85˚C
LM318
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
Hermetic Package
300˚C
Plastic Package
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 sec.)
260˚C
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
ESD Tolerance (Note 8)
2000V
Electrical Characteristics (Note 5)
Parameter
Conditions
LM118/LM218
LM318
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
T
A = 25˚C
2
4
4
10
mV
Input Offset Current
T
A = 25˚C
6
50
30
200
nA
Input Bias Current
T
A = 25˚C
120
250
150
500
nA
Input Resistance
T
A = 25˚C
1
3
0.5
3
M
Ω
Supply Current
T
A = 25˚C
5
8
5
10
mA
Large Signal Voltage Gain
T
A = 25˚C, VS = ±15V
50
200
25
200
V/mV
V
OUT = ±10V, RL
≥ 2kΩ
Slew Rate
T
A = 25˚C, VS = ±15V, AV = 1
50
70
50
70
V/µs
(Note 6)
Small Signal Bandwidth
T
A = 25˚C, VS = ±15V
15
15
MHz
Input Offset Voltage
615
mV
Input Offset Current
100
300
nA
Input Bias Current
500
750
nA
Supply Current
T
A = 125˚C
4.5
7
mA
Large Signal Voltage Gain
V
S = ±15V, VOUT = ±10V
25
20
V/mV
R
L
≥ 2kΩ
Output Voltage Swing
V
S = ±15V, RL =2k
Ω
±12
±13
±12
±13
V
Input Voltage Range
V
S = ±15V
±11.5
±11.5
V
Common-Mode Rejection Ratio
80
100
70
100
dB
Supply Voltage Rejection Ratio
70
80
65
80
dB
Note 2: The maximum junction temperature of the LM118 is 150˚C, the LM218 is 110˚C, and the LM318 is 110˚C. For operating at elevated temperatures, devices
in the H08 package must be derated based on a thermal resistance of 160˚C/W, junction to ambient, or 20˚C/W, junction to case. The thermal resistance of the
dual-in-line package is 100˚C/W, junction to ambient.
Note 3: The inputs are shunted with back-to-back diodes for overvoltage protection. Therefore, excessive current will flow if a differential input voltage in excess of
1V is applied between the inputs unless some limiting resistance is used.
Note 4: For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
Note 5: These specifications apply for ±5V
≤ VS ≤ ±20V and −55˚C ≤ TA ≤ +125˚C (LM118), −25˚C ≤ TA ≤ +85˚C (LM218), and 0˚C ≤ TA ≤ +70˚C (LM318). Also,
power supplies must be bypassed with 0.1 µF disc capacitors.
Note 6: Slew rate is tested with VS = ±15V. The LM118 is in a unity-gain non-inverting configuration. VIN is stepped from −7.5V to +7.5V and vice versa. The slew
rates between −5.0V and +5.0V and vice versa are tested and guaranteed to exceed 50V/µs.
Note 7: Refer to RETS118X for LM118H and LM118J military specifications.
Note 8: Human body model, 1.5 k
Ω in series with 100 pF.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com