Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC-221R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DC-221R
Description  1.8watt 24pins DIP/DIL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DC-221R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DC-221R Datasheet HTML 1Page - List of Unclassifed Manufacturers DC-221R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.8watt 24pins DIP/DIL package
YCL
100/200 series
Date: Jan 01, 2000.
10
Model Selection Table:
Input
Output
Efficienc
External
Model no.
Voltage
Current(mA)
Voltage
Current
(mA)
TypicalÀ
typical
Package
FuseÁ
(Vdc)
No-Load Full-Load
(Vdc)
(mA)
%
(A)
DC-101R
5
80
635
9
200
57
A
1.5
DC-102R
5
70
720
5
360
50
A
1.5
DC-108R
12
25
277
5
360
54
A
1.5
DC-109R
12
30
255
9
200
58
A
1.5
DC-110R
12
45
255
12
150
59
A
0.5
DC-113R
24
15
150
5
360
50
A
0.5
DC-202R
5
100
720
5
360
49
B
1.5
DC-203R
5
70
630
12
150
57
B
1.5
DC-204R
5
70
550
15
120
64
B
1.5
DC-205R
5
70
770
±5
±180
51
B
1.5
DC-206R
5
120
640
±12
±75
56
B
1.5
DC-207R
5
60
620
±15
±60
58
B
1.5
DC-208R
12
22
290
5
360
52
B
0.5
DC-210R
12
26
250
12
150
60
B
0.5
DC-211R
12
20
260
±12
±75
62
B
0.5
DC-212R
12
25
235
±15
±60
64
B
0.5
DC-213R
24
20
150
5
360
50
B
0.5
DC-214R
24
16
130
12
150
58
B
0.5
DC-215R
24
25
140
15
120
55
B
0.5
DC-224R
24
20
240
±5
±180
53
B
0.5
DC-216R
24
15
130
±12
±75
58
B
0.2
DC-217R
24
15
125
±15
±60
60
B
0.2
DC-218R
48
15
75
5
360
51
B
0.2
DC-221R
48
10
70
±12
±75
55
B
0.2
DC-222R
48
15
65
±15
±60
57
B
0.2
¬
Efficiency is specified at nominal input voltage and full load.
Á
Certain applications may require the installation of external fuse in front of the input.
Package A:
Package B:
Unit: mm(inch)
±0.25(0.010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com