Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-LA Datasheet(PDF) 2 Page - Copal Electronics

Part # CF-LA
Description  High In-Rush Rocker Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-LA Datasheet(HTML) 2 Page - Copal Electronics

  CF-LA Datasheet HTML 1Page - Copal Electronics CF-LA Datasheet HTML 2Page - Copal Electronics CF-LA Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
●Tab:#250 1Pole
●Solder 1Pole
●P/C 1and2Poles
●Tab:#250 2Poles
●Solder 2Poles
●PC-R/A 2Poles
ON
OFF
FUJISOKU
ON
OFF
FUJISOKU
ON
OFF
FUJISOKU
ON
OFF
FUJISOKU
ON
OFF
FUJISOKU
ON
OFF
FUJISOKU
■Outline dimensions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com