Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-LD Datasheet(PDF) 2 Page - Copal Electronics

Part # CF-LD
Description  Hyper-Miniature Lever Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-LD Datasheet(HTML) 2 Page - Copal Electronics

  CF-LD Datasheet HTML 1Page - Copal Electronics CF-LD Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CF-LD
■ List of Part Numbers
★Made to order products
No.of pole(s)
Switching
function
Packaging
speciÄcations
Button color
Terminal styles
Pieces in
package
PC
PC-R/A
PC-V/M
1D
Tray
Gray
★CF-LD-1DC-AG2W
★CF-LD-1DC4-AG2W  CF-LD-1DC6-AG2W
200pcs./tray
Red
★CF-LD-1DC-AR2W
★CF-LD-1DC4-AR2W ★CF-LD-1DC6-AR2W
200pcs./tray
White
★CF-LD-1DC-AW2W
★CF-LD-1DC4-AW2W ★CF-LD-1DC6-AW2W
200pcs./tray
Plastic bags
Gray
★CF-LD-1DC-AG2
★CF-LD-1DC4-AG2
 CF-LD-1DC6-AG2
25pcs./pack
Red
★CF-LD-1DC-AR2
★CF-LD-1DC4-AR2
★CF-LD-1DC6-AR2
25pcs./pack
White
★CF-LD-1DC-AW2
★CF-LD-1DC4-AW2
★CF-LD-1DC6-AW2
25pcs./pack
■ Outline Dimensions
Tolerances unless otherwise speciÄed:
±0.3(Unit:mm)
■ PC Hole Layouts
■ Packaging SpeciÄcation
■ Soldering SpeciÄcations 
 ⑴ Auto Soldering
 ⑵Manual Soldering
  Device: Soldering iron
  350℃, Max.; 3 seconds, Max.
●PC-R/A
●PC-V/M
●PC
28
゚
Part No. marking
7
Production
date code
2.54
2.54
BA
7.5
2.75
5.08
0.5
4.5
3.2
2.6
0.45
(4)
(6)(5)
28
゚
Part No. marking
Production
date code
0.25
7
0.25
0.3
2.54
2.54
2.54
0.45
0.25
0.25 4.5
3.2
2.6
BA
(4)
(6)(5)
(1)
(3)
28
゚
1
Production
date code
Part No. marking
0.25
7.65
4.15
0.5
2.75
BA
5
4.5
3.2
2.6
(4)
(6)(5)
●PC-R/A
●PC-V/M
●PC
2.54
5-
φ0.6
1
5.08
1.2
2.54
1

:Without pattern area
1
1
3.75
2.54
2.54
5.08

:Without pattern area
Tp
Temperature[
℃]
Tp
≧260℃
Pre
‐Heating Zone
Time:120sec Max.
Temperature:80~120℃
Soldering Zone
0
3~5
time[sec]
196
231
●Tray: 100pcs
60
60
70
●Plastic bag: 25pcs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com