Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFP Datasheet(PDF) 5 Page - Copal Electronics

Part # CFP
Description  PIANO SWITCHES (FULL PITCH)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFP Datasheet(HTML) 5 Page - Copal Electronics

  CFP Datasheet HTML 1Page - Copal Electronics CFP Datasheet HTML 2Page - Copal Electronics CFP Datasheet HTML 3Page - Copal Electronics CFP Datasheet HTML 4Page - Copal Electronics CFP Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CFP
PIANO SWITCHES (FULL PITCH)
■ PACKAGING SPECIFICATIONS
<Taping packaging specifications>
O Taping version are packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500 pcs., etc.
O Taping version is boxed with 1 reel.
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the
diagrams below:
O Embossed tape dimensions
O Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
21
±0.8
13
±0.2
2
±0.5
330
±2
29.4
±1 (2, 3, 4, 5 bits)
37.4
±1 (6 bits)
49.4
±1 (8, 10 bits)
25.4
±1 (2, 3, 4, 5 bits)
45.4
±1 (8, 10 bits)
33.4
±1 (6 bits)
φ
φ
φ
O 2 bits, 3 bits, 4 bits, 5 bits
O 6 bits, 8 bits, 10 bits
<Magazine packaging specifications>
O Packing quantities of magazines are different depending
on the bit number of the switches.
Please order the multiple numbers of the specific
packing quantities. (e.g. 62 pcs., 124 pcs., 186 pcs.,
etc., in case of 2 bits version)
Pieces in package : 2 bits, 62 pcs./stick 3 bits, 46 pcs./stick
4 bits, 36 pcs./stick 5 bits, 30 pcs./stick
6 bits, 26 pcs./stick 8 bits, 20 pcs./stick
10 bits, 16 pcs./stick
1.5
φ
+0.1
0
16±0.1
4±0.1
2±0.1
0.5±0.1
Installation example
(CFP-0411B)
Direction of feed
7.5
1.5
φ
+0.1
0
R 0.75
+0.05
0
16±0.1
4±0.1
2±0.1
0.5±0.1
Installation example
(CFP-0812B)
Direction of feed
7.5
No. of bits
2, 3, 4, 5
6
8, 10
B
24
11.5 ± 0.1
———
32
14.2 ± 0.1
28.4 ± 0.1
44
20.2 ± 0.1
40.4 ± 0.1
C
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com