Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-PD Datasheet(PDF) 1 Page - Copal Electronics

Part # CF-PD
Description  Nut type Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-PD Datasheet(HTML) 1 Page - Copal Electronics

  CF-PD Datasheet HTML 1Page - Copal Electronics CF-PD Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CF-PD
Nut type Pushbutton Switches
RoHS Compliant
■Features
1. Solidly design
We added an assembly nut on LTM3-02.
It improves the strength of the panel.
2. Due to new design,
it improves the strength of push button product.
3. Connector-wiring
be able to one-touch fitting on the terminal parts,
without using PCB.
4. A light operating touch
We adopted dome shape contact.
It provides a sharp click feeling.
■Internal Structure
Part name
Material
Flammability
① Frame
Acrylonitrie Butadiene Styrene
UL-94HB
② Button
Acrylonitrie Butadiene Styrene
UL-94HB
③ Cover plate Acrylonitrie Butadiene Styrene
UL-94HB
④ Plunger
Polybutylene terephthalate
UL-94HB
⑤ Case
Polyamide
UL-94V-0
⑥ Nut
Acrylonitrile Butadiene Styrene
UL-94HB
⑦ Movable contact Copper alloy, Silver-plated
−
⑧ Terminalpin Copper alloy, Silver-plated
⑨ Fixed contact Copper alloy, Silver-plated
■
Switching Function
■
Rating
Dielectric strength
1VA Max. 
(DC48V 50mA Max.)
(Resistive load)
AC250V 1minute
100mΩ Max.
(AC200μV 1.5mA)
(DC100V)
100MΩ Min.
300,000 operations
0.98∼1.76N
Operating force
Max.
Operating temp. range
Electrical life
Initial insulation resistance
Initial contact resistance
-25∼+70℃
■Part Numbering
CF-PD-1CN-AG1□
Series name
Switching function
C
A
N
1
G
1
No.of pole(s)
Connector
Standard
blank Plastic bag
Silver plated
Gray
1 pole
Terminal style
Operating function
Packaging
specifications
Contact material
Button color
OFF −(ON)
Switching function
OFF
−
Free
Circuit diagrams
(ON)
(1)−(2)
Part number
CF-PD-1CN-AG1
Push
(1)(2)
(ON) : Momentary.


Similar Part No. - CF-PD

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
CF-0310A-3 JMK-CF-0310A-3 Datasheet
32Kb / 1P
2,125,782 Hrs @ 30C GB
logo
PREMO CORPORATION S.L
CF-050 PREMO-CF-050 Datasheet
136Kb / 1P
PTH SMPS Current Transformer Up to 15A
logo
IRC - a TT electronics ...
CF-1/2102GBLK IRCTT-CF-1/2102GBLK Datasheet
257Kb / 3P
General Purpose Carbon Film Resistors
CF-1/2102JBLK IRCTT-CF-1/2102JBLK Datasheet
257Kb / 3P
General Purpose Carbon Film Resistors
CF-1/2102KBLK IRCTT-CF-1/2102KBLK Datasheet
257Kb / 3P
General Purpose Carbon Film Resistors
More results

Similar Description - CF-PD

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com